công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 825 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 825 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 821Page - Renesas Technology Corp H8S/2472 Datasheet HTML 822Page - Renesas Technology Corp H8S/2472 Datasheet HTML 823Page - Renesas Technology Corp H8S/2472 Datasheet HTML 824Page - Renesas Technology Corp H8S/2472 Datasheet HTML 825Page - Renesas Technology Corp H8S/2472 Datasheet HTML 826Page - Renesas Technology Corp H8S/2472 Datasheet HTML 827Page - Renesas Technology Corp H8S/2472 Datasheet HTML 828Page - Renesas Technology Corp H8S/2472 Datasheet HTML 829Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 777 of 1198
REJ09B0403-0200
FDPX
FDPX
HDPX
HDPX
Collision
Collision
Collision*2
Error
Error
Error
Normal transmission
Notes: 1. Retransmission processing includes both jam transmission that depends on collision
detection and the adjustment of transmission intervals based on the back-off algorithm.
2. Retransmission processing is only performed when data of 512 bits or less (including the
preamble and SFD) is transmitted. When a collision is detected during transmission of data
greater than 512 bits, only jam is transmitted and retransmission based on the back-off
algorithm is not performed.
Error
notification
Transmission
halted
Start of transmission
(preamble transmission)
Carrier
detected
Carrier
detection
SFD
transmission
CRC
transmission
Data
transmission
Carrier
detection
Failure of 15
retransfer attempts
or collision
after 512-bit time
Retransmission
processing*1
Error detection
Carrier
not detected
Carrier
not detected
Idle
TE set
TE reset
Reset
[Legend]
FDPX: Path for full-duplex mode
HDPX: Path for half-duplex mode
SFD:
Start Frame Delimiter
Initiate
retransmission
Figure 20.2 EtherC Transmitter State Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com