công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 833 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 833 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 829Page - Renesas Technology Corp H8S/2472 Datasheet HTML 830Page - Renesas Technology Corp H8S/2472 Datasheet HTML 831Page - Renesas Technology Corp H8S/2472 Datasheet HTML 832Page - Renesas Technology Corp H8S/2472 Datasheet HTML 833Page - Renesas Technology Corp H8S/2472 Datasheet HTML 834Page - Renesas Technology Corp H8S/2472 Datasheet HTML 835Page - Renesas Technology Corp H8S/2472 Datasheet HTML 836Page - Renesas Technology Corp H8S/2472 Datasheet HTML 837Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 833 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 785 of 1198
REJ09B0403-0200
20.4.5
Magic Packet Detection
The EtherC supports the Magic Packet detection function. This function provides a Wake-On-
LAN (WOL) facility that activates various peripheral devices connected to a LAN from the host
device or other source. This makes it possible to construct a system in which a peripheral device
receives a Magic Packet sent from the host device or other source, and activates itself. When the
Magic Packet is detected, data is stored in the FIFO of the E-DMAC by the broadcast packet that
has received data previously and the EtherC is notified of the receiving status. To return to normal
operation from the interrupt processing, initialize the EtherC and E-DMAC by using the SWR bit
in the E-DMAC mode register (EDMR).
With a Magic Packet, reception is performed regardless of the destination address. As a result, this
function is valid, and the WOL pin enabled, only in the case of a match with the destination
address specified by the format in the Magic Packet. Further information on Magic Packets can be
found in the technical documentation published by AMD Corporation.
The procedure for using the WOL function with this LSI is as follows.
1. Disable interrupt source output by means of the various interrupt enable/mask registers.
2. Set the Magic Packet detection enable bit (MPDE) in the EtherC mode register (ECMR).
3. Set the Magic Packet detection interrupt enable bit (MPDIP) in the EtherC interrupt enable
register (ECSIPR) to the enable setting.
4. If necessary, set the CPU operating mode to sleep mode or set supporting functions to module
standby mode.
5. When a Magic Packet is detected, an interrupt is sent to the CPU. The WOL pin notifies
peripheral LSIs that the Magic Packet has been detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com