công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 836 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 836 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 832Page - Renesas Technology Corp H8S/2472 Datasheet HTML 833Page - Renesas Technology Corp H8S/2472 Datasheet HTML 834Page - Renesas Technology Corp H8S/2472 Datasheet HTML 835Page - Renesas Technology Corp H8S/2472 Datasheet HTML 836Page - Renesas Technology Corp H8S/2472 Datasheet HTML 837Page - Renesas Technology Corp H8S/2472 Datasheet HTML 838Page - Renesas Technology Corp H8S/2472 Datasheet HTML 839Page - Renesas Technology Corp H8S/2472 Datasheet HTML 840Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 836 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 788 of 1198
REJ09B0403-0200
20.5
Usage Notes
20.5.1
Conditions for Setting LCHNG Bit
Even if the level of the signal input to the LNKSTA pin is not changed, the LCHNG bit in ECSR
may be set. It may happen when the pin function is changed from port to LNKSTA by PCCRH2
of the PFC or when a software reset caused by the SWR bit in EDMR is cleared while the
LNKSTA pin is being driven high.
This is because the LNKSTA signal is internally fixed low when the pin functions as a port or
during the software reset state regardless of the external pin level.
Clear the LCHNG bit before setting the LCHNGIP bit in ECSIPR not to request a LINK signal
changed interrupt accidentally.
20.5.2
Flow Control Defect 1
Once a PAUSE frame is received while the receiving flow control is enabled in full-duplex mode
(the RXF bit in ECMR = 1), each time when the local station receives a normal unicast frame
(non-PAUSE frame without a CRC error), the TIME parameter specified by the PAUSE frame
that has been previously received is incorrectly applied. As a result, unnecessary waiting time is
generated to slow down the transmission throughput. The TIME parameter value is maintained
until another PAUSE frame is received.
This defect can be prevented if the destination station supports the function to transmit the 0-time
PAUSE frame as the same as this LSI does. Enable the use of 0-time PAUSE frame in this LSI
(the ZPF bit in ECMR = 1) before the 0-time PAUSE frame is received from the destination
station. This clears the TIME parameter incorrectly maintained in the EtherC and prevents the
unnecessary waiting time for transmission to be generated.
20.5.3
Flow Control Defect 2
When a PAUSE period is generated while the transmitting/receiving flow control is enabled in
full-duplex mode (the TXF/RXF bit in ECMR = 1), non-PAUSE frames are waited for
transmission (this is a normal operation) whereas PAUSE frames are incorrectly waited for
transmission. The transmission of non-PAUSE frames in a PAUSE period is prohibited, though
the transmission of PAUSE frames is enabled in IEEE802.3.
When a PAUSE period is generated by the request from the destination station (that is, a PAUSE
frame is received from the destination station), the load of the destination station is high and that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com