công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 834 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 834 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 830Page - Renesas Technology Corp H8S/2472 Datasheet HTML 831Page - Renesas Technology Corp H8S/2472 Datasheet HTML 832Page - Renesas Technology Corp H8S/2472 Datasheet HTML 833Page - Renesas Technology Corp H8S/2472 Datasheet HTML 834Page - Renesas Technology Corp H8S/2472 Datasheet HTML 835Page - Renesas Technology Corp H8S/2472 Datasheet HTML 836Page - Renesas Technology Corp H8S/2472 Datasheet HTML 837Page - Renesas Technology Corp H8S/2472 Datasheet HTML 838Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 834 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 786 of 1198
REJ09B0403-0200
20.4.6
Operation by IPG Setting
The EtherC supports the function to change the Inter Packet Gap (IPG ), the non-transmission
period between transmit frames. By changing the set values of the IPG setting register (IPGR), the
transmission efficiency can be raised and lowered from the standard value. IPG settings are
prescribed in IEEE802.3 standards. When changing settings, adequately check that the respective
devices can operate smoothly on the same network.
Note:
IPG may be longer than the set value, depending on the state of the circuit and the system
bus.
[1]
[2]
[3]
[4]
[1]
[2]
[3]
[4]
[5]
......
......
Case A
(short IPG)
Case B
(long IPG)
Figure 20.12 Changing IPG and Transmission Efficiency
20.4.7
Flow Control
The EtherC supports flow control functions conforming to IEEE802.3x in full-duplex operations.
Flow control can be applied to both receive and transmit operations. The methods for transmitting
PAUSE frames when controlling flow are as follows:
(1)
Automatic PAUSE Frame Transmission
For receive frames, PAUSE frames are automatically transmitted when the number of data in the
receive FIFO (included in E-DMAC) reaches the value set in the flow control FIFO threshold
register (FCFTR) of the E-DMAC. The TIME parameter included in the PAUSE frame at this
time is set by the automatic PAUSE frame setting register (APR). The automatic PAUSE frame
transmission is repeated until the number of data in the receive FIFO becomes less than the
FCFTR setting as the receive data is read from the FIFO.
The upper limit of the number of retransmissions of the PAUSE frame can also be set by the
automatic PAUSE frame retransmission count set register (TPAUSER). In this case, PAUSE
frame transmission is repeated until the number of data becomes FCFTR value set or below, or the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com