công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 740 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 740 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 736Page - Renesas Technology Corp H8S/2472 Datasheet HTML 737Page - Renesas Technology Corp H8S/2472 Datasheet HTML 738Page - Renesas Technology Corp H8S/2472 Datasheet HTML 739Page - Renesas Technology Corp H8S/2472 Datasheet HTML 740Page - Renesas Technology Corp H8S/2472 Datasheet HTML 741Page - Renesas Technology Corp H8S/2472 Datasheet HTML 742Page - Renesas Technology Corp H8S/2472 Datasheet HTML 743Page - Renesas Technology Corp H8S/2472 Datasheet HTML 744Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 740 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 692 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name Initial Value Slave
Host Description
1
IBF1
0
R
R
Input Data Register Full
Indicates whether or not there is receive data in
IDR1. This bit is an internal interrupt source to the
slave processor (this LSI).
The IBF1 flag setting and clearing conditions are
different when the fast A20 gate is used. For details
see table 19.7.
0: There is not receive data in IDR1
[Clearing condition]
When the slave processor reads IDR
1: There is receive data in IDR1
[Setting condition]
When the host processor writes to IDR using I/O
write cycle
0
OBF1
0
R/(W)* R
Output Data Register Full
Indicates whether or not there is transmit data in
ODR1.
0: There is not transmit data in ODR1
[Clearing condition]
When the host processor reads ODR1 using I/O
read cycle, or the slave processor writes 0 to the
OBF1 bit
1: There is transmit data in ODR1
[Setting condition]
When the slave processor writes to ODR1
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com