công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 739 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 739 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 735Page - Renesas Technology Corp H8S/2472 Datasheet HTML 736Page - Renesas Technology Corp H8S/2472 Datasheet HTML 737Page - Renesas Technology Corp H8S/2472 Datasheet HTML 738Page - Renesas Technology Corp H8S/2472 Datasheet HTML 739Page - Renesas Technology Corp H8S/2472 Datasheet HTML 740Page - Renesas Technology Corp H8S/2472 Datasheet HTML 741Page - Renesas Technology Corp H8S/2472 Datasheet HTML 742Page - Renesas Technology Corp H8S/2472 Datasheet HTML 743Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 739 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 691 of 1198
REJ09B0403-0200
19.3.11
Status Registers 1 to 3 (STR1 to STR3)
The STR registers are 8-bit registers that indicate status information during LPC interface
processing. Bits 3, 1, and 0 in STR1 to STR3 are read-only bits to both the host processor and the
slave processor (this LSI). However, 0 only can be written from the slave processor (this LSI) to
bit 0 in STR1 to STR3, and bits 6 and 4 in STR3, in order to clear the flags to 0. The functions for
bits 7 to 4 in STR3 differ according to the settings of bit SELSTR3 in HISEL and the TWRE bit in
LADR3L. For details, see section 19.3.18, Host Interface Select Register (HISEL). The registers
selected from the host processor according to the I/O address are described in the following
sections. For information on STR1 and STR2 selection, see section 19.3.6, LPC Channel 1, 2
Address Register H, L (LADR12H, LADR12L), and information on STR3 selection, see section
19.3.7, LPC Channel 3 Address Register H, L (LADR3H, LADR3L). In an LPC I/O read cycle,
the data in the selected register is transferred to the host processor.
The STR registers are initialized to H'00 by a reset or in hardware standby mode.
• STR1
R/W
Bit
Bit Name Initial Value Slave
Host Description
7
6
5
4
DBU17
DBU16
DBU15
DBU14
All 0
R/W
R
Defined by User
The user can use these bits as necessary.
3
C/
D1
0
R
R
Command/Data
When the host processor writes to an IDR1 register,
bit 2 of the I/O address (when CH1OFFSEL1 = 0) or
bit 0 of the I/O address (when CH1OFFSEL1 = 1) is
written to this bit to indicate whether IDR1 contains
data or a command.
0: Content of input data register (IDR1) is data
1: Content of input data register (IDR1) is a
command
2
DBU12
0
R/W
R
Defined by User
The user can use this bit as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com