công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 737 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 737 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 733Page - Renesas Technology Corp H8S/2472 Datasheet HTML 734Page - Renesas Technology Corp H8S/2472 Datasheet HTML 735Page - Renesas Technology Corp H8S/2472 Datasheet HTML 736Page - Renesas Technology Corp H8S/2472 Datasheet HTML 737Page - Renesas Technology Corp H8S/2472 Datasheet HTML 738Page - Renesas Technology Corp H8S/2472 Datasheet HTML 739Page - Renesas Technology Corp H8S/2472 Datasheet HTML 740Page - Renesas Technology Corp H8S/2472 Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 689 of 1198
REJ09B0403-0200
19.3.8
Input Data Registers 1 to 3 (IDR1 to IDR3)
The IDR registers are 8-bit read-only registers to the slave processor (this LSI), and 8-bit write-
only registers to the host processor. The registers selected from the host according to the I/O
address are described in the following sections: for information on IDR1 and IDR2 selection, see
section 19.3.6, LPC Channel 1, 2 Address Register H, L (LADR12H, LADR12L), and for
information on IDR3 selection, see section 19.3.7, LPC Channel 3 Address Register H, L
(LADR3H, LADR3L). Data transferred in an LPC I/O write cycle is written to the selected
register. The state of bit 2 of the I/O address is latched into the C/
D bit in STR, to indicate whether
the written information is a command or data.
The initial values of the IDR registers are undefined.
19.3.9
Output Data Registers 0 to 3 (ODR1 to ODR3)
The ODR registers are 8-bit readable/writable registers to the slave processor (this LSI), and 8-bit
read-only registers to the host processor. The registers selected from the host according to the I/O
address are described in the following sections: for information on ODR1 and ODR2 selection, see
section 19.3.6, LPC Channel 1, 2 Address Register H, L (LADR12H, LADR12L), and for
information on ODR3 selection, see section 19.3.7, LPC Channel 3 Address Register H, L
(LADR3H, LADR3L). In an LPC I/O read cycle, the data in the selected register is transferred to
the host.
The initial values of the ODR registers are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com