công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 738 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 738 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 734Page - Renesas Technology Corp H8S/2472 Datasheet HTML 735Page - Renesas Technology Corp H8S/2472 Datasheet HTML 736Page - Renesas Technology Corp H8S/2472 Datasheet HTML 737Page - Renesas Technology Corp H8S/2472 Datasheet HTML 738Page - Renesas Technology Corp H8S/2472 Datasheet HTML 739Page - Renesas Technology Corp H8S/2472 Datasheet HTML 740Page - Renesas Technology Corp H8S/2472 Datasheet HTML 741Page - Renesas Technology Corp H8S/2472 Datasheet HTML 742Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 738 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 690 of 1198
REJ09B0403-0200
19.3.10
Bidirectional Data Registers 0 to 15 (TWR0 to TWR15)
TWR0 to TWR15 are sixteen 8-bit readable/writable registers to both the slave processor (this
LSI) and the host processor. In TWR0, however, two registers (TWR0MW and TWR0SW) are
allocated to the same address for both the host address and the slave address. TWR0MW is a
write-only register to the host processor, and a read-only register to the slave processor, while
TWR0SW is a write-only register to the slave processor and a read-only register to the host
processor. When the host and slave processors begin a write, after the respective TWR0 registers
have been written to, access right arbitration for simultaneous access is performed by checking the
status flags to see if those writes were valid. For the registers selected from the host according to
the I/O address, see section 19.3.7, LPC Channel 3 Address Register H, L (LADR3H, LADR3L).
Data transferred in an LPC I/O write cycle is written to the selected register; in an LPC I/O read
cycle, the data in the selected register is transferred to the host.
The initial values of TWR0 to TWR15 are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com