công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 744 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 744 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 740Page - Renesas Technology Corp H8S/2472 Datasheet HTML 741Page - Renesas Technology Corp H8S/2472 Datasheet HTML 742Page - Renesas Technology Corp H8S/2472 Datasheet HTML 743Page - Renesas Technology Corp H8S/2472 Datasheet HTML 744Page - Renesas Technology Corp H8S/2472 Datasheet HTML 745Page - Renesas Technology Corp H8S/2472 Datasheet HTML 746Page - Renesas Technology Corp H8S/2472 Datasheet HTML 747Page - Renesas Technology Corp H8S/2472 Datasheet HTML 748Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 744 / 1250 page
background image
Section 19 LPC Interface (LPC)
Rev. 2.00 Aug. 20, 2008 Page 696 of 1198
REJ09B0403-0200
R/W
Bit
Bit Name Initial Value Slave
Host Description
3
C/
D3
0
R
R
Command/Data Flag
When the host writes to IDR3, bit 2 of the I/O
address is written into this bit to indicate whether
IDR3 contains data or a command.
0: Content of input data register (IDR3) is a data
1: Content of input data register (IDR3) is a
command
2
DBU32
0
R/W
R
Defined by User
The user can use this bit as necessary.
1
IBF3A
0
R
R
Input Data Register Full
Indicates whether or not there is receive data in
IDR3. This is an internal interrupt source to the
slave (this LSI).
0: There is not receive data in IDR3
[Clearing condition]
When the slave reads IDR3
1: There is receive data in IDR3
[Setting condition]
When the host writes to IDR3 in an I/O write cycle
0
OBF3A
0
R/(W)* R
Output Data Register Full
Indicates whether or not there is transmit data in
ODR3.
0: There is not transmit data in ODR3
[Clearing conditions]
• When the host reads ODR3 in an I/O
read cycle
• When the slave writes 0 to bit OBF3A
1: There is transmit data in ODR3
[Setting condition]
• When the slave writes to ODR3
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com