công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 651 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 651 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 647Page - Renesas Technology Corp H8S/2472 Datasheet HTML 648Page - Renesas Technology Corp H8S/2472 Datasheet HTML 649Page - Renesas Technology Corp H8S/2472 Datasheet HTML 650Page - Renesas Technology Corp H8S/2472 Datasheet HTML 651Page - Renesas Technology Corp H8S/2472 Datasheet HTML 652Page - Renesas Technology Corp H8S/2472 Datasheet HTML 653Page - Renesas Technology Corp H8S/2472 Datasheet HTML 654Page - Renesas Technology Corp H8S/2472 Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 603 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value R/W
Description
1
IRIC
0
R/(W)* I
2C Bus Interface Interrupt Request Flag
Indicates that the I
2C bus interface has issued an interrupt
request to the CPU.
IRIC is set at different times depending on the FS bit in
SAR and the WAIT bit in ICMR. See section 18.4.7, IRIC
Setting Timing and SCL Control. The conditions under
which IRIC is set also differ depending on the setting of the
ACKE bit in ICCR.
[Setting conditions]
I
2C bus format master mode:
• When a start condition is detected in the bus line state
after a start condition is issued (when the ICDRE flag is
set to 1 because of first frame transmission)
• When a wait is inserted between the data and
acknowledge bit when the WAIT bit is 1 (fall of the 8th
transmit/receive clock)
• At the end of data transfer (rise of the 9th
transmit/receive clock)
• When a slave address is received after bus mastership
is lost
• If 1 is received as the acknowledge bit (when the ACKB
bit in ICSR is set to 1) when the ACKE bit is 1
• When the AL flag is set to 1 after bus mastership is lost
while the ALIE bit is 1
I
2C bus format slave mode:
• When the slave address (SVA or SVAX) matches
(when the AAS or AASX flag in ICSR is set to 1) and at
the end of data transfer up to the subsequent
retransmission start condition or stop condition
detection (rise of the 9th clock)
• When the general call address is detected (when the 0
is received for R/
W bit, and ADZ flag in ICSR is set to
1) and at the end of data reception up to the
subsequent retransmission start condition or stop
condition detection (rise of the 9th receive clock)
• When 1 is received as an acknowledge bit while the
ACKE bit is 1 (when the ACKB bit is set to 1)
• When a stop condition is detected while the STOPIM bit
is 0 (when the STOP or ESTP flag in ICSR is set to 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com