công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 648 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 648 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 644Page - Renesas Technology Corp H8S/2472 Datasheet HTML 645Page - Renesas Technology Corp H8S/2472 Datasheet HTML 646Page - Renesas Technology Corp H8S/2472 Datasheet HTML 647Page - Renesas Technology Corp H8S/2472 Datasheet HTML 648Page - Renesas Technology Corp H8S/2472 Datasheet HTML 649Page - Renesas Technology Corp H8S/2472 Datasheet HTML 650Page - Renesas Technology Corp H8S/2472 Datasheet HTML 651Page - Renesas Technology Corp H8S/2472 Datasheet HTML 652Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 648 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 600 of 1198
REJ09B0403-0200
18.3.6
I
2C Bus Control Register (ICCR)
ICCR controls the I
2C bus interface and performs interrupt flag confirmation.
Bit
Bit Name
Initial
Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface Enable
0: I
2C bus interface modules are stopped and I2C bus
interface module internal state is initialized. SAR and
SARX can be accessed.
1: I
2C bus interface modules can perform transfer and
reception, they are connected to the SCL and SDA pins,
and the I
2C bus can be driven. ICMR and ICDR can be
accessed.
6
IEIC
0
R/W
I
2C Bus Interface Interrupt Enable
0: Disables interrupts from the I
2C bus interface to the
CPU.
1: Enables interrupts from the I
2C bus interface to the
CPU.
5
4
MST
TRS
0
0
R/W
R/W
Master/Slave Select
Transmit/Receive Select
00: Slave receive mode
01: Slave transmit mode
10: Master receive mode
11: Master transmit mode
Both these bits will be cleared by hardware when they
lose in a bus contention in master mode of the I
2C bus
format. In slave receive mode with I
2C bus format, the R/
W
bit in the first frame immediately after the start condition
automatically sets these bits in receive mode or transmit
mode by hardware.
Modification of the TRS bit during transfer is deferred until
transfer is completed, and the changeover is made after
completion of the transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com