công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 652 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 652 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 648Page - Renesas Technology Corp H8S/2472 Datasheet HTML 649Page - Renesas Technology Corp H8S/2472 Datasheet HTML 650Page - Renesas Technology Corp H8S/2472 Datasheet HTML 651Page - Renesas Technology Corp H8S/2472 Datasheet HTML 652Page - Renesas Technology Corp H8S/2472 Datasheet HTML 653Page - Renesas Technology Corp H8S/2472 Datasheet HTML 654Page - Renesas Technology Corp H8S/2472 Datasheet HTML 655Page - Renesas Technology Corp H8S/2472 Datasheet HTML 656Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 652 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 604 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
IRIC
0
R/(W)*
1
At the end of data transfer in clock synchronous serial
format (rise of the 8th transmit/receive clock)
When a start condition is detected with serial format
selected
When a condition occurs in which the ICDRE or ICDRF
flag is set to 1.
• When a start condition is detected in transmit mode
(when a start condition is detected and the ICDRE flag
is set to 1)
• When transmitting the data in the ICDR register buffer
(when data is transferred from ICDRT to ICDRS in
transmit mode and the ICDRE flag is set to 1, or data
is transferred from ICDRS to ICDRR in receive mode
and the ICDRF flag is set to 1.)
[Clearing conditions]
• When 0 is written in IRIC after reading IRIC = 1
• When ICDR is accessed by DTC * (This may not be a
clearing condition. For details, see the description of
the DTC operation on the next page.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com