công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 649 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 649 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 645Page - Renesas Technology Corp H8S/2472 Datasheet HTML 646Page - Renesas Technology Corp H8S/2472 Datasheet HTML 647Page - Renesas Technology Corp H8S/2472 Datasheet HTML 648Page - Renesas Technology Corp H8S/2472 Datasheet HTML 649Page - Renesas Technology Corp H8S/2472 Datasheet HTML 650Page - Renesas Technology Corp H8S/2472 Datasheet HTML 651Page - Renesas Technology Corp H8S/2472 Datasheet HTML 652Page - Renesas Technology Corp H8S/2472 Datasheet HTML 653Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 649 / 1250 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 2.00 Aug. 20, 2008 Page 601 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
4
MST
TRS
0
0
R/W
R/W
[MST clearing conditions]
(1) When 0 is written by software
(2) When lost in bus contention in I
2C bus format master
mode
[MST setting conditions]
(1) When 1 is written by software (for MST clearing
condition 1)
(2) When 1 is written in MST after reading MST = 0 (for
MST clearing condition 2)
[TRS clearing conditions]
(1) When 0 is written by software (except for TRS setting
condition 3)
(2) When 0 is written in TRS after reading TRS = 1 (for
TRS setting condition 3)
(3) When lost in bus contention in I
2C bus format master
mode
[TRS setting conditions]
(1) When 1 is written by software (except for TRS clearing
condition 3)
(2) When 1 is written in TRS after reading TRS = 0 (for
TRS clearing condition 3)
(3) When 1 is received as the R/
W bit after the first frame
address matching in I
2C bus format slave mode
3
ACKE
0
R/W
Acknowledge Bit Decision Selection
0: The value of the acknowledge bit is ignored, and
continuous transfer is performed. The value of the
received acknowledge bit is not indicated by the ACKB
bit in ICSR, which is always 0.
1: If the acknowledge bit is 1, continuous transfer is
halted.
Depending on the receiving device, the acknowledge bit
may be significant, in indicating completion of processing
of the received data, for instance, or may be fixed at 1 and
have no significance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com