công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2138AV bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện HD64F2138AV
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2138AV bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button HD64F2138AV Datasheet HTML 6Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 7Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 8Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 9Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 10Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 11Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 12Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 13Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page x of liv
Item
Page
Revision (See Manual for Details)
Figure 21.10 amended
Programming control*
1 program area (3,968 bytes)
Boot program area*
2 (128 bytes)
(a) 128-kbyte versions (including H8S/2132)
(b) 64-kbyte versions (except for H8S/2132)
21.6.1 Boot Mode
Figure 21.10 RAM
Areas in Boot Mode
597
Note 1 added
Note: 1. In H8S/2132 F-ZTAT (Mask ROM version),
H'(FF)E080 to H'(FF)E87F is a reserved area that is used only
for boot mode operation. Do not use this area for other
purpose.
598
Description amended
· Before branching to the programming control program (RAM
area H'(FF)E080 (128-kbyte versions including H8S/2132,
except for H8S/2132R or H'(FF)E880 (64-kbyte versions,
including H8S/2132R, except for H8S/2132)), ...
22.4.5 Register
Configuration
Table 22.4 Flash
Memory Registers
632
Table 22.4 amended
(Before)
*3 → (After) R/W*3
23.7 Subclock Input
Circuit
678
"Note on Subclock Usage" description added
24.1 Overview
Table 24.1 H8S/2138
Group and H8S/2134
Group Internal States in
Each Mode
682
Table 24.1 amended
Function
High-
Speed
Medium-
Speed
Sleep
Module
Stop
Watch
Subactive Subsleep
Software
Standby
Hardware
Standby
RAM
Function-
ing
Function-
ing
Function-
ing (DTC)
Function-
ing
Retained
Function-
ing
Retained
Retained
Retained
On-chip
supporting
module
operation
I/O
Function-
ing
Function-
ing
Function-
ing
Function-
ing
Retained
Function-
ing
Function-
ing
Retained
High
impedance
24.12 Usage Notes
702
Section 24.12 added
25.2.2 DC
Characteristics
Table 25.3 DC
Characteristics (1)
709
Note
*4 amended
Note: 4. P52/SCK0/SCL0 and P97/SDA0 are NMOS push-pull
outputs in H8S/2138. ... P52/SCK0 and P97 (ICE = 0) high
levels are driven by NMOS in H8S/2138.
Table 25.3 DC
Characteristics (2)
712
Note
*4 amended
Note: 4. P52/SCK0/SCL0 and P97/SDA0 are NMOS push-pull
outputs in H8S/2138. ... P52/SCK0 and P97 (ICE = 0) high
levels are driven by NMOS in H8S/2138.
Table 25.3 DC
Characteristics (3)
715
Note
*4 amended
Note: 4. P52/SCK0/SCL0 and P97/SDA0 are NMOS push-pull
outputs in H8S/2138. ... P52/SCK0 and P97 (ICE = 0) high
levels are driven by NMOS in H8S/2138.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com