công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2138AV bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp

tên linh kiện HD64F2138AV
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2138AV bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp

Back Button HD64F2138AV Datasheet HTML 76Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 77Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 78Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 79Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 80Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 81Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 82Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 83Page - Renesas Technology Corp HD64F2138AV Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 1061 page
background image
Section 2 CPU
Rev. 4.00 Jun 06, 2006 page 26 of 1004
REJ09B0301-0400
• High-speed operation
 All frequently-used instructions execute in one or two states
 Maximum clock rate:
20 MHz
 8/16/32-bit register-register add/subtract: 50 ns
 8 × 8-bit register-register multiply:
600 ns
 16 ÷ 8-bit register-register divide:
600 ns
 16 × 16-bit register-register multiply:
1000 ns
 32 ÷ 16-bit register-register divide:
1000 ns
• Two CPU operating modes
 Normal mode
 Advanced mode
• Power-down state
 Transition to power-down state by SLEEP instruction
 CPU clock speed selection
2.1.2
Differences between H8S/2600 CPU and H8S/2000 CPU
The differences between the H8S/2600 CPU and the H8S/2000 CPU are shown below.
• Register configuration
The MAC register is supported only by the H8S/2600 CPU.
• Basic instructions
The four instructions MAC, CLRMAC, LDMAC, and STMAC are supported only by the
H8S/2600 CPU.
• Number of execution states
The number of execution states of the MULXU and MULXS instructions differ as follows.
Number of Execution States
Instruction
Mnemonic
H8S/2600
H8S/2000
MULXU
MULXU.B Rs, Rd
3
12
MULXU.W Rs, ERd
4
20
MULXS
MULXS.B Rs, Rd
4
13
MULXS.W Rs, ERd
5
21
There are also differences in the address space, EXR register functions, power-down state, etc.,
depending on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com