| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2138AV bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2138AV bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp |
|
39 / 1061 page ![]() Rev. 4.00 Jun 06, 2006 page xxxix of liv Figure 12.10 Timing of Input Capture Signal (When Input Capture Input Signal Enters while TICRR and TICRF Are Being Read)....................................................... 331 Figure 12.11 Switching of Input Capture Signal .................................................................... 331 Figure 12.12 Pulse Output (Example) .................................................................................... 334 Figure 12.13 Contention between TCNT Write and Clear ..................................................... 335 Figure 12.14 Contention between TCNT Write and Increment.............................................. 336 Figure 12.15 Contention between TCOR Write and Compare-Match.................................... 337 Section 13 Timer Connection [H8S/2138 Group] Figure 13.1 Block Diagram of Timer Connection Facility ................................................... 342 Figure 13.2 Timing Chart for PWM Decoding ..................................................................... 356 Figure 13.3 Timing Chart for Clamp Waveform Generation (CL1 and CL2 Signals) ......... 358 Figure 13.4 Timing Chart for Clamp Waveform Generation (CL3 Signal).......................... 358 Figure 13.5 Timing Chart for Measurement of IVI Signal and IHI Signal Divided Waveform Periods ............................................................................................. 360 Figure 13.6 2fH Modification Timing Chart ........................................................................ 361 Figure 13.7 Fall Modification/IHI Synchronization Timing Chart....................................... 363 Figure 13.8 IVG Signal/IHG Signal/CL4 Signal Timing Chart............................................ 366 Figure 13.9 CBLANK Output Waveform Generation .......................................................... 369 Section 14 Watchdog Timer (WDT) Figure 14.1 (a) Block Diagram of WDT0 .................................................................................. 372 Figure 14.1 (b) Block Diagram of WDT1 .................................................................................. 373 Figure 14.2 Format of Data Written to TCNT and TCSR (Example of WDT0) .................. 380 Figure 14.3 Operation in Watchdog Timer Mode................................................................. 382 Figure 14.4 Operation in Interval Timer Mode..................................................................... 383 Figure 14.5 Timing of OVF Setting...................................................................................... 383 Figure 14.6 Contention between TCNT Write and Increment.............................................. 384 Section 15 Serial Communication Interface (SCI, IrDA) Figure 15.1 Block Diagram of SCI ....................................................................................... 389 Figure 15.2 Data Format in Asynchronous Communication (Example with 8-Bit Data, Parity, Two Stop Bits) ............................................ 419 Figure 15.3 Relation between Output Clock and Transfer Data Phase (Asynchronous Mode) ....................................................................................... 421 Figure 15.4 Sample SCI Initialization Flowchart ................................................................. 422 Figure 15.5 Sample Serial Transmission Flowchart ............................................................. 423 Figure 15.6 Example of Operation in Transmission in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit) .............................................. 425 Figure 15.7 Sample Serial Reception Data Flowchart .......................................................... 426 |