công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 879 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 879 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 875Page - Renesas Technology Corp H8S/2117R Datasheet HTML 876Page - Renesas Technology Corp H8S/2117R Datasheet HTML 877Page - Renesas Technology Corp H8S/2117R Datasheet HTML 878Page - Renesas Technology Corp H8S/2117R Datasheet HTML 879Page - Renesas Technology Corp H8S/2117R Datasheet HTML 880Page - Renesas Technology Corp H8S/2117R Datasheet HTML 881Page - Renesas Technology Corp H8S/2117R Datasheet HTML 882Page - Renesas Technology Corp H8S/2117R Datasheet HTML 883Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 879 / 1024 page
background image
Section 26 Power-Down Modes
Rev. 1.00 Apr. 28, 2008 Page 853 of 994
REJ09B0452-0100
26.6
Watch Mode
The CPU makes a transition to watch mode when the SLEEP instruction is executed in high-speed
mode with the SSBY bit in SBYCR set to 1, the DTON bit in LPWRCR cleared to 0, and the PSS
bit in TCSR (WDT_1) set to 1.
In watch mode, the CPU is stopped and on-chip peripheral modules other than CIR and WDT_1
are also stopped. The contents of the CPU’s internal registers, several on-chip peripheral module
registers, and on-chip RAM data are retained and the I/O ports retain their values before transition
as long as the prescribed voltage is supplied.
Watch mode is cleared by an interrupt (WOVI1, NMI, IRQ0 to IRQ15, KIN0 to KIN15, or WUE8
to WUE15), PS2 interrupt, CIR interrupt, or
RES pin input.
When an interrupt occurs, watch mode is cleared and a transition is made to high-speed mode or
medium-speed mode. When a transition is made to high-speed mode, a stable clock is supplied to
the entire LSI and interrupt exception handling starts after the time set in the STS2 to STS0 bits in
SBYCR has elapsed. In the case of an IRQ0 to IRQ15 interrupt, watch mode is not cleared if the
corresponding enable bit has been cleared to 0 or the interrupt has been masked by the CPU. In the
case of a KIN0 to KIN15 or WUE8 to WUE15 interrupt, watch mode is not cleared if the input is
disabled or the interrupt has been masked by the CPU. In the case of an interrupt from an on-chip
peripheral module, watch mode is not cleared if the interrupt enable register has been set to disable
the reception of that interrupt or the interrupt has been masked by the CPU.
When the
RES pin is driven low, the clock pulse generator starts oscillation. Simultaneously with
the start of system clock oscillation, the system clock is supplied to the entire LSI. Note that the
RES pin must be held low until clock oscillation is stabilized. If the RES pin is driven high after
the clock oscillation stabilization time has elapsed, the CPU starts reset exception handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com