công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 877 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 877 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 873Page - Renesas Technology Corp H8S/2117R Datasheet HTML 874Page - Renesas Technology Corp H8S/2117R Datasheet HTML 875Page - Renesas Technology Corp H8S/2117R Datasheet HTML 876Page - Renesas Technology Corp H8S/2117R Datasheet HTML 877Page - Renesas Technology Corp H8S/2117R Datasheet HTML 878Page - Renesas Technology Corp H8S/2117R Datasheet HTML 879Page - Renesas Technology Corp H8S/2117R Datasheet HTML 880Page - Renesas Technology Corp H8S/2117R Datasheet HTML 881Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 877 / 1024 page
background image
Section 26 Power-Down Modes
Rev. 1.00 Apr. 28, 2008 Page 851 of 994
REJ09B0452-0100
26.4
Sleep Mode
The CPU makes a transition to sleep mode if the SLEEP instruction is executed when the SSBY
bit in SBYCR is cleared to 0 and the LSON bit in LPWRCR is cleared to 0. In sleep mode, CPU
operation stops but the on-chip peripheral modules do not. The contents of the CPU’s internal
registers are retained.
Sleep mode is cleared by any interrupt or the
RES pin input.
When an interrupt occurs, sleep mode is cleared and interrupt exception handling starts. Sleep
mode is not cleared if the interrupt is disabled, or interrupts other than NMI have been masked by
the CPU.
When the
RES pin is driven low and sleep mode is cleared, a transition is made to the reset state.
After the specified reset input time has elapsed, driving the
RES pin high causes the CPU to start
reset exception handling.
26.5
Software Standby Mode
The CPU makes a transition to software standby mode when the SLEEP instruction is executed
with the SSBY bit in SBYCR set to 1, the LSON bit in LPWRCR cleared to 0, and the PSS bit in
TCSR (WDT_1) cleared to 0. In software standby mode, the CPU, on-chip peripheral modules,
and clock pulse generator all stop. However, the contents of the CPU registers, on-chip RAM data,
I/O ports, and the states of on-chip peripheral modules other than the SCI, PWMU, PWMX, and
A/D converter are retained as long as the prescribed voltage is supplied.
Software standby mode is cleared by an external interrupt (NMI, IRQ0 to IRQ15, KIN0 to KIN15,
or WUE8 to WUE15), PS2 interrupt, or
RES pin input.
When an external interrupt request signal is input, system clock oscillation starts, and after the
elapse of the time set in bits STS2 to STS0 in SBYCR, software standby mode is cleared, and
interrupt exception handling is started. When clearing software standby mode with an IRQ0 to
IRQ15 interrupt, set the corresponding enable bit to 1. When clearing software standby mode with
a KIN0 to KIN15 or WUE8 to WUE15 interrupt, enable the input. In these cases, ensure that no
interrupt with a higher priority than interrupts IRQ0 to IRQ15 is generated. In the case of an IRQ0
to IRQ15 interrupt, software standby mode is not cleared if the corresponding enable bit is cleared
to 0 or if the interrupt has been masked by the CPU. In the case of a KIN0 to KIN15 or WUE8 to
WUE15 interrupt, software standby mode is not cleared if the input is disabled or if the interrupt
has been masked by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com