| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2117R bảng dữ liệu(PDF) 881 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2117R bảng dữ liệu(HTML) 881 Page - Renesas Technology Corp |
|
881 / 1024 page ![]() Section 27 List of Registers Rev. 1.00 Apr. 28, 2008 Page 855 of 994 REJ09B0452-0100 Section 27 List of Registers The list of registers gives information on the on-chip register addresses, how the register bits are configured, the register states in each operating mode, the register selection condition, and the register address of each module. The information is given as shown below. 1. Register addresses (address order) • Registers are listed from the lower allocation addresses. • For the addresses of 16 bits, the MSB is described. • Registers are classified by functional modules. • The access size is indicated. • H8S/2140B Group compatible register addresses or extended register addresses are selected depending on the RELOCATE bit in system control register 3 (SYSCR3). When the extended register addresses are selected, the some register addresses of ICC_1, TMR_Y, PWMX_0, and PORT are changed. Therefore, the selection with other module registers that share the same addresses with these registers is not necessary. 2. Register bits • Bit configurations of the registers are described in the same order as the register addresses in section 27.1, Register Addresses (Address Order). • Reserved bits are indicated by in the bit name column. • The bit number in the bit-name column indicates that the whole register is allocated as a counter or for holding data. • Each line covers eight bits, and 16-bit register is shown as 2 lines, respectively. 3. Register states in each operating mode • Register states are described in the same order as the register addresses in section 27.1, Register Addresses (Address Order). • The register states described here are for the basic operating modes. If there is a specific reset for an on-chip peripheral module, see the section on that on-chip peripheral module. 4. Register selection conditions • Register selection conditions are described in the same order as the register addresses in section 27.1, Register Addresses (Address Order). • For register selection conditions, see section 3.2.2, System Control Register (SYSCR), section 3.2.3, Serial Timer Control Register (STCR), section 26.1.3, Module Stop Control Registers H, L, A, and B (MSTPCRH, MSTPCRL, MSTPCRA, MSTPCRB), or register descriptions for each module. 5. Register addresses (classification by type of module) • The register addresses are described by modules • The register addresses are described in channel order when the module has multiple channels. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |