công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 875 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 875 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 871Page - Renesas Technology Corp H8S/2117R Datasheet HTML 872Page - Renesas Technology Corp H8S/2117R Datasheet HTML 873Page - Renesas Technology Corp H8S/2117R Datasheet HTML 874Page - Renesas Technology Corp H8S/2117R Datasheet HTML 875Page - Renesas Technology Corp H8S/2117R Datasheet HTML 876Page - Renesas Technology Corp H8S/2117R Datasheet HTML 877Page - Renesas Technology Corp H8S/2117R Datasheet HTML 878Page - Renesas Technology Corp H8S/2117R Datasheet HTML 879Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 875 / 1024 page
background image
Section 26 Power-Down Modes
Rev. 1.00 Apr. 28, 2008 Page 849 of 994
REJ09B0452-0100
Table 26.3
LSI Internal States in Each Operating Mode
Function
High Speed
Medium Speed
Sleep
Module Stop
Watch
Software
Standby
System clock pulse
generator
Functioning
Functioning
Functioning
Functioning
Stopped
Stopped
Subclock input
Functioning
Functioning
Functioning
Functioning
Functioning
Stopped
Instruction
execution
Stopped
Stopped
Stopped
CPU
Registers
Functioning
Medium-speed
operation
Retained
Functioning
Retained
Retained
NMI
IRQ0 to IRQ15
KIN0 to KIN15
External
interrupts
WUE8 to
WUE15
Functioning
Functioning
Functioning
Functioning
Functioning
Functioning
WDT_1
CIR
Subclock
operation
WDT_0
Functioning
TMR_0,
TMR_1
TPU
TCM_0 to 3
TDP_0 to 2
TMR_X,
TMR_Y
SCIF
IIC_0 to 2
LPC
FSI
Functioning
PS2_0 to 3
Medium-speed
operation/functioning
Functioning/
stopped
(retained)
Stopped
(retained)
Stopped
(retained)
PWMU
PWM
Stopped
(reset)
Stopped
(reset)
PWMX
SCI_1, SCI_2
A/D converter
Functioning
Functioning
Functioning
Functioning/
stopped
(reset)
RAM
Functioning
Functioning
Functioning
Functioning
Retained
Retained
On-chip
peripheral
modules
I/O
Functioning
Functioning
Functioning
Functioning
Retained
Retained
Note:
Stopped (retained) means that the internal register values are retained and the internal
state is operation suspended. Stopped (reset) means that the internal register values and
the internal state are initialized. In module stop mode, only modules for which a stop setting
has been made are stopped (reset or retained).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com