công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 767 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 767 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 763Page - Renesas Technology Corp H8S/2117R Datasheet HTML 764Page - Renesas Technology Corp H8S/2117R Datasheet HTML 765Page - Renesas Technology Corp H8S/2117R Datasheet HTML 766Page - Renesas Technology Corp H8S/2117R Datasheet HTML 767Page - Renesas Technology Corp H8S/2117R Datasheet HTML 768Page - Renesas Technology Corp H8S/2117R Datasheet HTML 769Page - Renesas Technology Corp H8S/2117R Datasheet HTML 770Page - Renesas Technology Corp H8S/2117R Datasheet HTML 771Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 1024 page
background image
Section 22 A/D Converter
Rev. 1.00 Apr. 28, 2008 Page 741 of 994
REJ09B0452-0100
22.7
Usage Notes
22.7.1
Module Stop Mode Setting
The A/D converter operation can be enabled or disabled using the module stop control register.
With the initial setting, the A/D converter is stopped. Register access is enabled by canceling
module stop mode. For details, see section 26, Power-Down Modes.
22.7.2
Permissible Signal Source Impedance
This LSI’s analog input is designed so that the conversion accuracy is guaranteed for an input
signal for which the signal source impedance is 5 k
Ω or less. This specification is provided to
enable the A/D converter’s sample-and-hold circuit input capacitance to be charged within the
sampling time; if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it
may not be possible to guarantee the A/D conversion accuracy. However, if a large capacitance is
provided externally in single mode, the input load will essentially comprise only the internal input
resistance of 10 k
Ω, and the signal source impedance is ignored. However, since a low-pass filter
effect is obtained in this case, it may not be possible to follow an analog signal with a large
differential coefficient (e.g., voltage fluctuation ratio of 5 mV/µs or greater) (see figure 22.5).
When converting a high-speed analog signal or converting in scan mode, a low-impedance buffer
should be inserted.
A/D converter equivalent circuit
This LSI
20 pF
Cin =
10 pF
10 k
Ω
Up to 5 k
Ω
Low-pass
filter C
Up to 0.1 µF
Sensor output
impedance
Sensor input
Figure 22.5 Example of Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com