công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 763 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 763 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 759Page - Renesas Technology Corp H8S/2117R Datasheet HTML 760Page - Renesas Technology Corp H8S/2117R Datasheet HTML 761Page - Renesas Technology Corp H8S/2117R Datasheet HTML 762Page - Renesas Technology Corp H8S/2117R Datasheet HTML 763Page - Renesas Technology Corp H8S/2117R Datasheet HTML 764Page - Renesas Technology Corp H8S/2117R Datasheet HTML 765Page - Renesas Technology Corp H8S/2117R Datasheet HTML 766Page - Renesas Technology Corp H8S/2117R Datasheet HTML 767Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 1024 page
background image
Section 22 A/D Converter
Rev. 1.00 Apr. 28, 2008 Page 737 of 994
REJ09B0452-0100
22.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when the A/D conversion start delay time (t
D) passes after the ADST bit in ADCSR is set to
1, then starts A/D conversion. Figure 22.2 shows the A/D conversion timing. Table 22.4 indicates
the A/D conversion time.
As indicated in figure 22.2, the A/D conversion time (t
CONV) includes tD and the input sampling time
(t
SPL). The length of tD varies depending on the timing of write to ADCSR. The total conversion
time therefore varies within the ranges indicated in table 22.4.
In scan mode, the values shown in table 22.4 become those for the first conversion time. The
second and subsequent conversion times are listed in table 22.5. In either case, bits CKS1 and
CKS0 in ADCR should be set so that the conversion time is within the ranges indicated by the
A/D conversion characteristics.
(1)
(2)
t
D
t
SPL
t
CONV
P
φ
Address
Write signal
Input sampling
timing
ADF
[Legend]
(1):
ADCSR write cycle
(2):
ADCSR address
t
D:
A/D conversion start delay time
t
SPL:
Input sampling time
t
CONV: A/D conversion time
Figure 22.2 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com