công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 769 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 769 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 765Page - Renesas Technology Corp H8S/2117R Datasheet HTML 766Page - Renesas Technology Corp H8S/2117R Datasheet HTML 767Page - Renesas Technology Corp H8S/2117R Datasheet HTML 768Page - Renesas Technology Corp H8S/2117R Datasheet HTML 769Page - Renesas Technology Corp H8S/2117R Datasheet HTML 770Page - Renesas Technology Corp H8S/2117R Datasheet HTML 771Page - Renesas Technology Corp H8S/2117R Datasheet HTML 772Page - Renesas Technology Corp H8S/2117R Datasheet HTML 773Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 769 / 1024 page
background image
Section 22 A/D Converter
Rev. 1.00 Apr. 28, 2008 Page 743 of 994
REJ09B0452-0100
22.7.6
Notes on Noise Countermeasures
A protection circuit connected to prevent damage of the analog input pins (AN0 to AN15) and
analog reference voltage pin (AVref) due to an abnormal voltage such as an excessive surge
should be connected between AVcc and AVss, as shown in figure 22.6. Also, the bypass
capacitors connected to AVcc and AVref, and the filter capacitors connected to AN0 to AN15
must be connected to AVss.
If a filter capacitor is connected, the input currents at the analog input pins (AN0 to AN15) are
averaged, and so an error may arise. Also, when A/D conversion is performed frequently, as in
scan mode, if the current charged and discharged by the capacitance of the sample-and-hold circuit
in the A/D converter exceeds the current input via the input impedance (R
in), an error will arise in
the analog input pin voltage. Careful consideration is therefore required when deciding the circuit
constants.
AV
CC
*1
*1
AN0 to AN15
AV
SS
Notes:
Values are reference values.
1.
2. R
in: Input impedance
R
in*
2
100
Ω
0.1 µF
0.01 µF
10 µF
AV
ref
Figure 22.6 Example of Analog Input Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com