công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 584 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 584 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 580Page - Renesas Technology Corp H8S/2117R Datasheet HTML 581Page - Renesas Technology Corp H8S/2117R Datasheet HTML 582Page - Renesas Technology Corp H8S/2117R Datasheet HTML 583Page - Renesas Technology Corp H8S/2117R Datasheet HTML 584Page - Renesas Technology Corp H8S/2117R Datasheet HTML 585Page - Renesas Technology Corp H8S/2117R Datasheet HTML 586Page - Renesas Technology Corp H8S/2117R Datasheet HTML 587Page - Renesas Technology Corp H8S/2117R Datasheet HTML 588Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 558 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
4
ICDRE
0
R
Transmit Data Write Request Flag
Indicates the ICDR (ICDRT) status in transmit mode.
0: Indicates that the data has been already written to
ICDR (ICDRT) or ICDR is initialized.
1: Indicates that data has been transferred from ICDRT
to ICDRS and is being transmitted, or the start
condition has been detected or transmission has
been complete, thus allowing the next data to be
written to.
[Setting conditions]
• When the start condition is detected from the bus
line state with I
2C bus format or serial format.
• When data is transferred from ICDRT to ICDRS.
1. When data transmission completed while
ICDRE = 0 (at the rise of the 9th clock pulse).
2. When data is written to ICDR in transmit mode
after data transmission was completed while
ICDRE = 1.
[Clearing conditions]
• When data is written to ICDR (ICDRT).
• When the stop condition is detected with I2C bus
format or serial format.
• When 0 is written to the ICE bit.
• When the IIC is internally initialized using the CLR3
to CLR0 bits in DDCSWR.
Note that if the ACKE bit is set to 1 with I
2C bus format
thus enabling acknowledge bit decision, ICDRE is not
set when data transmission is completed while the
acknowledge bit is 1.
When ICDRE is set due to the condition (2) above,
ICDRE is temporarily cleared to 0 when data is written
to ICDR (ICDRT); however, since data is transferred
from ICDRT to ICDRS immediately, ICDRE is set to 1
again. Do not write data to ICDR when TRS = 0
because the ICDRE flag value is invalid during the
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com