công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 582 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 582 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 578Page - Renesas Technology Corp H8S/2117R Datasheet HTML 579Page - Renesas Technology Corp H8S/2117R Datasheet HTML 580Page - Renesas Technology Corp H8S/2117R Datasheet HTML 581Page - Renesas Technology Corp H8S/2117R Datasheet HTML 582Page - Renesas Technology Corp H8S/2117R Datasheet HTML 583Page - Renesas Technology Corp H8S/2117R Datasheet HTML 584Page - Renesas Technology Corp H8S/2117R Datasheet HTML 585Page - Renesas Technology Corp H8S/2117R Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 556 of 994
REJ09B0452-0100
18.3.8
I
2C Bus Extended Control Register (ICXR)
ICXR enables or disables the I
2C bus interface interrupt generation and handshake control, and
indicates the status of receive/transmit operations.
Bit
Bit Name
Initial
Value
R/W
Description
7
STOPIM
0
R/W
Stop Condition Interrupt Source Mask
Enables or disables the interrupt generation when the
stop condition is detected in slave mode.
0: Enables IRIC flag setting and interrupt generation
when the stop condition is detected (STOP = 1 or
ESTP = 1) in slave mode.
1: Disables IRIC flag setting and interrupt generation
when the stop condition is detected.
6
HNDS
0
R/W
Enables or disables handshake control in receive mode
for the selection of reception with handshaking.
0: Disables handshake control
1: Enables handshake control
Note: When the IIC module is in use, be sure to set this
bit to 1.
When the HNDS bit is cleared to 0 and a round of
reception is completed with ICDRR empty (the ICDRF
flag is 0), successive reception will proceed with the
next round of reception. At the same time, a clock is
continuously supplied over the SCL line.
In this case, the sequence of operations should be
such that unnecessary clock cycles are not output to
the bus after reception of the last of the data.
When the HNDS bit is set to 1, SCL is fixed low and
clock output stops on completion of reception. SCL is
released and reception of the next frame is enabled by
reading the receive data from ICDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com