công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 580 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 580 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 576Page - Renesas Technology Corp H8S/2117R Datasheet HTML 577Page - Renesas Technology Corp H8S/2117R Datasheet HTML 578Page - Renesas Technology Corp H8S/2117R Datasheet HTML 579Page - Renesas Technology Corp H8S/2117R Datasheet HTML 580Page - Renesas Technology Corp H8S/2117R Datasheet HTML 581Page - Renesas Technology Corp H8S/2117R Datasheet HTML 582Page - Renesas Technology Corp H8S/2117R Datasheet HTML 583Page - Renesas Technology Corp H8S/2117R Datasheet HTML 584Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 554 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
0
ACKB
0
R/W
Acknowledge Bit
Stores acknowledge data.
The bit function varies depending on transmit mode
and receive mode.
Transmit mode:
Holds the acknowledge data returned by the receiving
device.
[Setting condition]
When 1 is received as the acknowledge bit when
ACKE = 1 in transmit mode
[Clearing conditions]
• When 0 is received as the acknowledge bit when
ACKE = 1 in transmit mode
• When 0 is written to the ACKE bit
Receive mode:
Sets the acknowledge data to be returned to the
transmitting device.
0: Returns 0 as acknowledge data after data reception
1: Returns 1 as acknowledge data after data reception
When this bit is read, the value loaded from the bus
line (returned by the receiving device) is read in
transmission (when TRS = 1). In reception (when TRS
= 0), the value set by internal software is read.
When this bit is written, acknowledge data that is
returned after receiving is rewritten regardless of the
TRS value.
Note: When, in transmit mode, this bit has been
overwritten by a bit manipulation instruction with a
value other than that of the ACKB flag in ICSR, the
value of the ACKB bit as the acknowledge data setting
for receive mode is overwritten by this value. Thus,
always reset the acknowledge data when switching to
receive mode.
Write 0 to the ACKE bit to clear the ACKB flag to 0 in
the following cases:
in master mode—before transmission is ended and a
stop condition is generated; and
in slave mode—before transmission is ended and SDA
is released to allow a master device to issue a stop
condition.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com