công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 581 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 581 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 577Page - Renesas Technology Corp H8S/2117R Datasheet HTML 578Page - Renesas Technology Corp H8S/2117R Datasheet HTML 579Page - Renesas Technology Corp H8S/2117R Datasheet HTML 580Page - Renesas Technology Corp H8S/2117R Datasheet HTML 581Page - Renesas Technology Corp H8S/2117R Datasheet HTML 582Page - Renesas Technology Corp H8S/2117R Datasheet HTML 583Page - Renesas Technology Corp H8S/2117R Datasheet HTML 584Page - Renesas Technology Corp H8S/2117R Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 555 of 994
REJ09B0452-0100
18.3.7
I
2C Bus Control Initialization Register (ICRES)
ICRES controls IIC internal latch clearance.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
—
All 0
R/W
Reserved
The initial value should not be changed.
4
—
0
R
Reserved
3
2
1
0
CLR3
CLR2
CLR1
CLR0
1
1
1
1
W*
W*
W*
W*
IIC Clear 3 to 0
Controls initialization of the internal state of IIC_0 and
IIC_1. (ICRES_0)
00--: Setting prohibited
0100: Setting prohibited
0101: IIC_0 internal latch cleared
0110: IIC_1 internal latch cleared
0111: IIC_0 and IIC_1 internal latches cleared
1---: Invalid setting
Controls initialization of the internal state of IIC_2.
(ICRES_2)
00--: Setting prohibited
0100: Setting prohibited
0101: IIC_2 internal latch cleared
0110: Setting prohibited
0111: IIC_2 internal latch cleared
1---: Invalid setting
When a write operation is performed on these bits, a
clear signal is generated for the internal latch circuit of
the corresponding module, and the internal state of the
IIC module is initialized.
These bits can only be written to; they are always read
as 1. Write data to this bit is not retained.
To perform IIC clearance, bits CLR3 to CLR0 must be
written to simultaneously using an MOV instruction. Do
not use a bit manipulation instruction such as BCLR.
When clearing is required again, all the bits must be
written to in accordance with the setting.
Note:
*
This bit is always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com