công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 585 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 585 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 581Page - Renesas Technology Corp H8S/2117R Datasheet HTML 582Page - Renesas Technology Corp H8S/2117R Datasheet HTML 583Page - Renesas Technology Corp H8S/2117R Datasheet HTML 584Page - Renesas Technology Corp H8S/2117R Datasheet HTML 585Page - Renesas Technology Corp H8S/2117R Datasheet HTML 586Page - Renesas Technology Corp H8S/2117R Datasheet HTML 587Page - Renesas Technology Corp H8S/2117R Datasheet HTML 588Page - Renesas Technology Corp H8S/2117R Datasheet HTML 589Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 559 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
ALIE
0
R/W
Arbitration Lost Interrupt Enable
Enables or disables IRIC flag setting and interrupt
generation when arbitration is lost.
0: Disables interrupt request when arbitration is lost.
1: Enables interrupt request when arbitration is lost.
2
ALSL
0
R/W
Arbitration Lost Condition Select
Selects the condition under which arbitration is lost.
0: When the SDA pin state disagrees with the data that
IIC bus interface outputs at the rise of SCL, or when
the SCL pin is driven low by another device.
1: When the SDA pin state disagrees with the data that
IIC bus interface outputs at the rise of SCL, or when
the SDA line is driven low by another device in idle
state or after the start condition instruction was
executed.
1
0
FNC1
FNC0
0
0
R/W
R/W
Function 1, 0
These bits cancel some restrictions on usage.
FNC0 FNC1
0
0: Restrictions on operation canceled
0
1: Setting prohibited
1
0: Setting prohibited
1
1: Restrictions on operation remaining in effect
Note: When the IIC module is used, make sure to set
both of the bits to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com