công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 311 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 311 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 307Page - Renesas Technology Corp H8S/2112R Datasheet HTML 308Page - Renesas Technology Corp H8S/2112R Datasheet HTML 309Page - Renesas Technology Corp H8S/2112R Datasheet HTML 310Page - Renesas Technology Corp H8S/2112R Datasheet HTML 311Page - Renesas Technology Corp H8S/2112R Datasheet HTML 312Page - Renesas Technology Corp H8S/2112R Datasheet HTML 313Page - Renesas Technology Corp H8S/2112R Datasheet HTML 314Page - Renesas Technology Corp H8S/2112R Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 984 page
background image
Section 10 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 May 09, 2008 Page 285 of 954
REJ09B0462-0100
10.8.5
Conflict between TGR Write and Compare Match
If a compare match occurs in the T
2 state of a TGR write cycle, the TGR write takes precedence
and the compare match signal is inhibited. A compare match does not occur even if the same value
as before is written. Figure 10.46 shows the timing in this case.
Compare
match signal
Write signal
Address
φ
TGR address
TCNT
TGR write cycle
T1
T2
NM
TGR write data
TGR
N
N+1
Prohibited
Figure 10.46 Conflict between TGR Write and Compare Match
10.8.6
Conflict between Buffer Register Write and Compare Match
If a compare match occurs in the T
2 state of a TGR write cycle, the data transferred to TGR by the
buffer operation will be the data prior to the write. Figure 10.47 shows the timing in this case.
Compare
match signal
Write signal
Address
φ
Buffer register
address
Buffer
register
TGR write cycle
T1
T2
N
TGR
NM
Buffer register write data
Figure 10.47 Conflict between Buffer Register Write and Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com