công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 247 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 247 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 243Page - Renesas Technology Corp H8S/2112R Datasheet HTML 244Page - Renesas Technology Corp H8S/2112R Datasheet HTML 245Page - Renesas Technology Corp H8S/2112R Datasheet HTML 246Page - Renesas Technology Corp H8S/2112R Datasheet HTML 247Page - Renesas Technology Corp H8S/2112R Datasheet HTML 248Page - Renesas Technology Corp H8S/2112R Datasheet HTML 249Page - Renesas Technology Corp H8S/2112R Datasheet HTML 250Page - Renesas Technology Corp H8S/2112R Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 984 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 May 09, 2008 Page 221 of 954
REJ09B0462-0100
9.5
Usage Note
9.5.1
Setting Module Stop Mode
The module stop control register can be used to enable or disable PWMU operation. The default
setting disables PWMU operation. Clearing the module stop mode enables registers to be
accessed. For details, see section 26, Power-Down Modes.
9.5.2
Note on Using 16-Bit/12-Bit Single-Pulse PWM Timer
When the duty cycle is to be changed in usage of a 16-bit/12-bit single-pulse PWM timer, the
higher- and lower-order eight bits must be individually written to the respective PWMREGn (n =
0 to 5) registers. There will thus be a time lag between the write operations, and this may lead to
the output of a pulse waveform with a duty cycle other than the intended one during the
corresponding period.
Also, care must be taken to ensure that there are no interrupts while writing to PWMREGn is in
progress, since interrupt processing can lead to the continued output of pulses with a duty cycle
other than the intended one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com