công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 246 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 246 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 242Page - Renesas Technology Corp H8S/2112R Datasheet HTML 243Page - Renesas Technology Corp H8S/2112R Datasheet HTML 244Page - Renesas Technology Corp H8S/2112R Datasheet HTML 245Page - Renesas Technology Corp H8S/2112R Datasheet HTML 246Page - Renesas Technology Corp H8S/2112R Datasheet HTML 247Page - Renesas Technology Corp H8S/2112R Datasheet HTML 248Page - Renesas Technology Corp H8S/2112R Datasheet HTML 249Page - Renesas Technology Corp H8S/2112R Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 984 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 May 09, 2008 Page 220 of 954
REJ09B0462-0100
(1)
Example of Setting
: Position of additional pulse
1 conversion period
A duty cycle of 0/256 to 255/256 is output as a low-ripple waveform by combining basic pulses and additional pulses.
Duty cycle
Basic
waveform
Additional
pulses
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
127/256
128/256
129/256
130/256
PWMREG
setting
example
H'7F
H'80
H'81
H'82
112 pulses
128 pulses
128 pulses
128 pulses
15 pulses
0 pulse
1 pulse
2 pulses
Figure 9.9 Example of WMU Setting
(2)
Example of Circuit for Use as D/A Converter
The following shows an example of a circuit in which PWMU output pulses are used as a D/A
converter. When a low-pass filter is connected externally to the LSI, low-ripple analog output can
be generated. If pulse division mode is used, a D/A output with even less ripple is available.
This LSI
Low-pass filter
Reference values
Resistor:
120
Ω
Capacitor:
0.1
µF
Figure 9.10 Example of Circuit for Use as a D/A Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com