công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 236 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 236 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 232Page - Renesas Technology Corp H8S/2112R Datasheet HTML 233Page - Renesas Technology Corp H8S/2112R Datasheet HTML 234Page - Renesas Technology Corp H8S/2112R Datasheet HTML 235Page - Renesas Technology Corp H8S/2112R Datasheet HTML 236Page - Renesas Technology Corp H8S/2112R Datasheet HTML 237Page - Renesas Technology Corp H8S/2112R Datasheet HTML 238Page - Renesas Technology Corp H8S/2112R Datasheet HTML 239Page - Renesas Technology Corp H8S/2112R Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 984 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 May 09, 2008 Page 210 of 954
REJ09B0462-0100
(2)
12-Bit Single Pulse Mode
When 12-bit single pulse mode is selected, PWMPRE0, PWMPRE2, and PWMPRE4 are valid.
The settings of PWMPRE1, PWMPRE3, and PWMPRE5 are invalid.
PWM cycle = [4095
× (n + 1)] / internal clock frequency (0 ≤ n ≤ 255)
Table 9.7
Resolution, PWM Conversion Period, and Carrier Frequency when
φ = 20 MHz
(12-Bit Counter Operation)
Carrier Frequency
PWM Conversion Period
Single Pulse Mode
Internal Clock
Frequency
Resolution
Min.
Max.
Min.
Max.
φ
50 ns
204.8
µs
52.4 ms
19.1 Hz
4.9 kHz
φ/2
100 ns
409.5
µs
104.8 ms
9.5 Hz
2.4 kHz
φ/4
200 ns
819.0
µs
209.7 ms
4.8 Hz
1.2 kHz
φ/8
400 ns
1.6 ms
419.3 ms
2.4 Hz
0.6 kHz
(3)
16-Bit Single Pulse Mode
When 16-bit single pulse mode is selected, PWMPRE0, PWMPRE2, and PWMPRE4 are valid.
The settings of PWMPRE1, PWMPRE3, and PWMPRE5 are invalid.
PWM cycle = [65535
× (n + 1)] / internal clock frequency (0 ≤ n ≤ 255)
Table 9.8
Resolution, PWM Conversion Period, and Carrier Frequency when
φ = 20 MHz
(at 16-bit counter operation)
Carrier Frequency
PWM Conversion Period
Single Pulse Mode
Internal Clock
Frequency
Resolution
Min.
Max.
Min.
Max.
φ
50 ns
3.3ms
838.8 ms
1.2 Hz
305.2 Hz
φ/2
100 ns
6.6ms
1.7 s
0.6 Hz
152.6 Hz
φ/4
200 ns
13.1ms
3.4 s
0.3 Hz
76.3 Hz
φ/8
400 ns
26.2ms
6.7 s
0.1 Hz
38.1 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com