công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 234 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 234 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 230Page - Renesas Technology Corp H8S/2112R Datasheet HTML 231Page - Renesas Technology Corp H8S/2112R Datasheet HTML 232Page - Renesas Technology Corp H8S/2112R Datasheet HTML 233Page - Renesas Technology Corp H8S/2112R Datasheet HTML 234Page - Renesas Technology Corp H8S/2112R Datasheet HTML 235Page - Renesas Technology Corp H8S/2112R Datasheet HTML 236Page - Renesas Technology Corp H8S/2112R Datasheet HTML 237Page - Renesas Technology Corp H8S/2112R Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 984 page
background image
Section 9 8-Bit PWM Timer (PWMU)
Rev. 1.00 May 09, 2008 Page 208 of 954
REJ09B0462-0100
9.3.6
PWM Duty Setting Latch Register (REGLAT)
REGLAT is a shift register in PWMREG. When one pulse is completed, the data of PWMREG is
transferred to PRELAT automatically. This register cannot be accessed by the CPU directly.
Table 9.3
Counter Operation of the Channel 0 and 1
CNTMD01A in
PWMMDCR
CNTMD01B in
PWMMDCR
Counter Operation of the Channel 0 and 1
0
0
8-bit counter operation
0
1
12-bit counter operation
(higher order: channel 1, lower order: channel 0)
1
0
16-bit counter operation
(higher order: channel 1, lower order: channel 0)
1
1
Setting prohibited
Note:
When 12/16-bit counter is selected, single pulse mode must be selected.
Table 9.4
Counter Operation of the Channel 2 and 3
CNTMD23A in
PWMMPCR
CNTMD23B in
PWMOUTCR
Counter Operation of the Channel 2 and 3
0
0
8-bit counter operation
0
1
12-bit counter operation
(higher order: channel 3, lower order: channel 2)
1
0
16-bit counter operation
(higher order: channel 3, lower order: channel 2)
1
1
Setting prohibited
Note:
When 12/16-bit counter is selected, single pulse mode must be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com