công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 219 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 219 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 215Page - Renesas Technology Corp H8S/2112R Datasheet HTML 216Page - Renesas Technology Corp H8S/2112R Datasheet HTML 217Page - Renesas Technology Corp H8S/2112R Datasheet HTML 218Page - Renesas Technology Corp H8S/2112R Datasheet HTML 219Page - Renesas Technology Corp H8S/2112R Datasheet HTML 220Page - Renesas Technology Corp H8S/2112R Datasheet HTML 221Page - Renesas Technology Corp H8S/2112R Datasheet HTML 222Page - Renesas Technology Corp H8S/2112R Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 984 page
background image
Section 8 I/O Ports
Rev. 1.00 May 09, 2008 Page 193 of 954
REJ09B0462-0100
8.3
Change of Peripheral Function Pins
For the external sub-clock input and IIC input/output, the multi-function I/O ports can be changed.
The external interrupt can be changed by the setting of ISSR16 and ISSR. I/O ports that also
function as the external sub-clock input pin are changed by the setting of PTCNT0. For IIC
input/output, change the setting of PTCNT1. The pin name of the peripheral function is indicated
by adding ‘Ex’ at the head of the original pin name. In each peripheral function description, only
the original pin name is used.
The following registers are available as the port control register.
• Port control register 0 (PTCNT0)
• Port control register 1 (PTCNT1)
• Port control register 2 (PTCNT2)
8.3.1
Port Control Register 0 (PTCNT0)
PTCNT0 selects ports that also function as the external sub-clock input pin.
Bit
Bit Name
Initial Value
R/W
Description
7 to 1
All 0
R/W
Reserved
The initial value should not be changed.
0
EXCLS
0
R/W
0: P96/EXCL is selected.
1: PE0/ExEXCL is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com