| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2112R bảng dữ liệu(PDF) 217 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2112R bảng dữ liệu(HTML) 217 Page - Renesas Technology Corp |
|
217 / 984 page ![]() Section 8 I/O Ports Rev. 1.00 May 09, 2008 Page 191 of 954 REJ09B0462-0100 (7) PG1/SCLA/ ExIRQ9/TMIY The pin function is switched as shown below according to the combination of the ICE bit in ICCR of IIC_2, the IIC2AS bit in IIC2BS of PTCNT1, and the PG1DDR bit. TMRIY and TMCIY are multiplexed as the TMIY input pin. When the CCLR1 and CCLR0 bits in TCR of TMR_Y are set to1, the pin functions as the TMIY (TMRIY) input pin. When and external clock is selected by the CKS2 to CKS0 bits in TCR of TMR_Y, the pin functions as the TMIY (TMCIY) input pin. When the ISS9 bit in ISSR16 is set to 1 and the IRQ9E bit in IER16 of the interrupt controller is set to 1, this pin can be used as the ExIRQ9 input pin. SCLA_EN in the following table is expressed by the following logical expression. SCLA_EN = ICE· IIC2BS·IIC2AS SCLA_EN 0 1 PG1DDR 0 1 PG1 input pin PG1 output pin SCLA I/O pin Pin function ExIRQ9 input pin / TMIY input pin Note: The output format for SCLA is NMOS output only, and direct bus drive is possible. When this pin is used as the PG1 output pin, the output format is NMOS push-pull. (8) PG0/SDAA/ ExIRQ8/TMIX The pin function is switched as shown below according to the combination of the ICE bit in ICCR of IIC_2, the IIC2AS bit in IIC2BS of PTCNT1, and the PG0DDR bit. TMRIX and TMCIX are multiplexed as the TMIX input pin. When the CCLR1 and CCLR0 bits in TCR of TMR_X are set to1, the pin functions as the TMIX (TMRIX) input pin. When and external clock is selected by the CKS2 to CKS0 bits in TCR of TMR_X, the pin functions as the TMIX (TMCIX) input pin. When the ISS8 bit in ISSR16 is set to 1 and the IRQ8E bit in IER16 of the interrupt controller is set to 1, this pin can be used as the ExIRQ8 input pin. SDAA_EN in the following table is expressed by the following logical expression. SDAA_EN = ICE· IIC2BS·IIC2AS SDAA_EN 0 1 PG0DDR 0 1 PG0 input pin PG0 output pin SDAA I/O pin Pin function ExIRQ8 input pin / TMIX input pin Note: The output format for SDAA is NMOS output only, and direct bus drive is possible. When this pin is used as the PG0 output pin, the output format is NMOS push-pull. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |