công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 173 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 173 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 169Page - Renesas Technology Corp H8S/2112R Datasheet HTML 170Page - Renesas Technology Corp H8S/2112R Datasheet HTML 171Page - Renesas Technology Corp H8S/2112R Datasheet HTML 172Page - Renesas Technology Corp H8S/2112R Datasheet HTML 173Page - Renesas Technology Corp H8S/2112R Datasheet HTML 174Page - Renesas Technology Corp H8S/2112R Datasheet HTML 175Page - Renesas Technology Corp H8S/2112R Datasheet HTML 176Page - Renesas Technology Corp H8S/2112R Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 984 page
background image
Section 7 Bus Controller (BSC)
Rev. 1.00 May 09, 2008 Page 147 of 954
REJ09B0462-0100
Section 7 Bus Controller (BSC)
Since this LSI does not have an externally extended function, it does not have an on-chip bus
controller (BSC). Considering the software compatibility with similar products, you must be
careful to set appropriate values to the control registers for the bus controller.
7.1
Register Descriptions
The bus controller has the following registers.
Table 7.1
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Data Bus
Width
Bus control register
BCR
R/W
H'D3
H'FFC6
8
Wait state control register
WSCR
R/W
H'F3
H'FFC7
8
7.1.1
Bus Control Register (BCR)
Bit
Bit Name
Initial
Value
R/W
Description
7
—
1
R/W
Reserved
The initial value should not be changed.
6
ICIS0
1
R/W
Idle Cycle Insertion
The initial value should not be changed.
5
BRSTRM 0
R/W
Burst ROM Enable
The initial value should not be changed.
4
BRSTS1
1
R/W
Burst Cycle Select 1
The initial value should not be changed.
3
BRSTS0
0
R/W
Burst Cycle Select 0
The initial value should not be changed.
2
0
R/W
Reserved
The initial value should not be changed.
1
0
IOS1
IOS0
1
1
R/W
R/W
IOS Select 1 and 0
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com