công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 169 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 169 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 165Page - Renesas Technology Corp H8S/2112R Datasheet HTML 166Page - Renesas Technology Corp H8S/2112R Datasheet HTML 167Page - Renesas Technology Corp H8S/2112R Datasheet HTML 168Page - Renesas Technology Corp H8S/2112R Datasheet HTML 169Page - Renesas Technology Corp H8S/2112R Datasheet HTML 170Page - Renesas Technology Corp H8S/2112R Datasheet HTML 171Page - Renesas Technology Corp H8S/2112R Datasheet HTML 172Page - Renesas Technology Corp H8S/2112R Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 984 page
background image
Section 6 Interrupt Controller
Rev. 1.00 May 09, 2008 Page 143 of 954
REJ09B0462-0100
6.8
Usage Notes
6.8.1
Conflict between Interrupt Generation and Disabling
When an interrupt enable bit is cleared to 0 to disable interrupt requests, the disabling becomes
effective after execution of the instruction. When an interrupt enable bit is cleared to 0 by an
instruction such as BCLR or MOV, and if an interrupt is generated during execution of the
instruction, the interrupt concerned will still be enabled on completion of the instruction, so
interrupt exception handling for that interrupt will be executed on completion of the instruction.
However, if there is an interrupt request of higher priority than that interrupt, interrupt exception
handling will be executed for the higher-priority interrupt, and the lower-priority interrupt will be
ignored. The same rule is also applied when an interrupt source flag is cleared to 0. Figure 6.13
shows an example where the CMIEA bit in TCR of the TMR is cleared to 0. The above conflict
will not occur if an interrupt enable bit or interrupt source flag is cleared to 0 while the interrupt is
disabled.
Internal
address bus
Internal
write signal
φ
CMIEA
CMFA
CMIA
interrupt signal
TCR write cycle by CPU
CMIA exception handling
TCR address
Figure 6.13 Conflict between Interrupt Generation and Disabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com