công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 138 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 138 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 134Page - Renesas Technology Corp H8S/2112R Datasheet HTML 135Page - Renesas Technology Corp H8S/2112R Datasheet HTML 136Page - Renesas Technology Corp H8S/2112R Datasheet HTML 137Page - Renesas Technology Corp H8S/2112R Datasheet HTML 138Page - Renesas Technology Corp H8S/2112R Datasheet HTML 139Page - Renesas Technology Corp H8S/2112R Datasheet HTML 140Page - Renesas Technology Corp H8S/2112R Datasheet HTML 141Page - Renesas Technology Corp H8S/2112R Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 984 page
background image
Section 6 Interrupt Controller
Rev. 1.00 May 09, 2008 Page 112 of 954
REJ09B0462-0100
6.3.8
Keyboard Matrix Interrupt Mask Registers (KMIMRA, KMIMRB)
Wake-up Event Interrupt Mask Registers (WUEMRA, WUEMRB)
The KMIMR and WUEMR registers enable or disable key-sensing interrupt inputs (
KIN15 to
KIN0) and wake-up event interrupt inputs (WUE15 to WUE0).
• KMIMRA
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
KMIMR15
KMIMR14
KMIMR13
KMIMR12
KMIMR11
KMIMR10
KMIMR9
KMIMR8
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Keyboard Matrix Interrupt Mask
These bits enable or disable a key-sensing input
interrupt request (KIN15 to KIN8).
0: Enables a key-sensing input interrupt request
1: Disables a key-sensing input interrupt request
• KMIMRB
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
4
3
2
1
0
KMIMR7
KMIMR6
KMIMR5
KMIMR4
KMIMR3
KMIMR2
KMIMR1
KMIMR0
1
0/1*
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Keyboard Matrix Interrupt Mask
These bits enable or disable a key-sensing input
interrupt request (KIN7 to KIN0).
0: Enables a key-sensing input interrupt request
1: Disables a key-sensing input interrupt request
When the EIVS bit in SYSCR3 is cleared to 0, the
KMIMR6 bit also simultaneously controls enabling
and disabling of the IRQ6 interrupt request. When
the EIVS bit is cleared to 0, the KMIMR6 bit
becomes 0.
Note:
*
The initial value is 0 when EIVS = 0 and the initial value is 1 when EIVS EIVS = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com