công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 127 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 127 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 123Page - Renesas Technology Corp H8S/2112R Datasheet HTML 124Page - Renesas Technology Corp H8S/2112R Datasheet HTML 125Page - Renesas Technology Corp H8S/2112R Datasheet HTML 126Page - Renesas Technology Corp H8S/2112R Datasheet HTML 127Page - Renesas Technology Corp H8S/2112R Datasheet HTML 128Page - Renesas Technology Corp H8S/2112R Datasheet HTML 129Page - Renesas Technology Corp H8S/2112R Datasheet HTML 130Page - Renesas Technology Corp H8S/2112R Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 984 page
background image
Section 6 Interrupt Controller
Rev. 1.00 May 09, 2008 Page 101 of 954
REJ09B0462-0100
Register Name
Abbreviation
R/W
Initial Value Address
Data Bus
Width
Wake-up event interrupt mask
register B
WUEMRB
R/W
H'FF
H'FE44
8
Wake-up sense control register A
(WUE15 to WUE8)
WUESCRA
R/W
H'00
H'FE84
8
Wake-up sense control register B
(WUE7 to WUE0)
WUESCRB
R/W
H'00
H'FE96
8
Wake-up input interrupt status
register A (WUE15 to WUE8)
WUESRA
R/W
H'00
H'FE85
8
Wake-up input interrupt status
register B (WUE7 to WUE0)
WUESRB
R/W
H'00
H'FE97
8
Wake-up enable register
WUEER
R/W
H'00
H'FE86
8
Note:
1. Address in the upper cell: when RELOCATE
= 0, address in the lower cell: when
RELOCATE
= 1
2. Address in the upper cell: when EIVS
= 0, address in the lower cell: when EIVS = 1
6.3.1
Interrupt Control Registers A to D (ICRA to ICRD)
The ICR registers set interrupt control levels for interrupts other than NMI. The correspondence
between interrupt sources and ICRA to ICRD settings is shown in tables 6.3.
Bit
Bit Name
Initial Value
R/W Description
7 to 0 ICRn7 to ICRn0
All 0
R/W Interrupt Control Level
0: Corresponding interrupt source is interrupt
control level 0 (no priority)
1: Corresponding interrupt source is interrupt
control level 1 (priority)
Note: n: A to D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com