công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 126 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 126 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 122Page - Renesas Technology Corp H8S/2112R Datasheet HTML 123Page - Renesas Technology Corp H8S/2112R Datasheet HTML 124Page - Renesas Technology Corp H8S/2112R Datasheet HTML 125Page - Renesas Technology Corp H8S/2112R Datasheet HTML 126Page - Renesas Technology Corp H8S/2112R Datasheet HTML 127Page - Renesas Technology Corp H8S/2112R Datasheet HTML 128Page - Renesas Technology Corp H8S/2112R Datasheet HTML 129Page - Renesas Technology Corp H8S/2112R Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 984 page
background image
Section 6 Interrupt Controller
Rev. 1.00 May 09, 2008 Page 100 of 954
REJ09B0462-0100
6.3
Register Descriptions
The interrupt controller has the following registers. For details on the system control register
(SYSCR), see section 3.2.2, System Control Register (SYSCR). For details on system control
register 3 (SYSCR3), see section 3.2.4, System Control Register 3 (SYSCR3).
Table 6.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value Address
Data Bus
Width
Interrupt control registers A
ICRA
R/W
H'00
H'FEE8
8
Interrupt control registers B
ICRB
R/W
H'00
H'FEE9
8
Interrupt control registers C
ICRC
R/W
H'00
H'FEEA
8
Interrupt control registers D
ICRD
R/W
H'00
H'FE87
8
Address break control register
ABRKCR
R/W
H'FEF4
8
Break address registers A
BARA
R/W
H'00
H'FEF5
8
Break address registers B
BARB
R/W
H'00
H'FEF6
8
Break address registers C
BARC
R/W
H'00
H'FEF7
8
IRQ sense control register 16H
ISCR16H
R/W
H'00
H'FEFA
8
IRQ sense control register 16L
ISCR16L
R/W
H'00
H'FEFB
8
IRQ sense control register H
ISCRH
R/W
H'00
H'FEEC
8
IRQ sense control register L
ISCRL
R/W
H'00
H'FEED
8
IRQ enable register 16
IER16
R/W
H'00
H'FEF8
8
IRQ enable register
IER
R/W
H'00
H'FFC2
8
IRQ status register 16
ISR16
R/W
H'00
H'FEF9
8
IRQ status register
ISR
R/W
H'00
H'FEEB
8
IRQ sense port select register 16
ISSR16
R/W
H'00
H'FEFC
8
IRQ sense port select register
ISSR
R/W
H'00
H'FEFD
8
H'FFF3
Keyboard matrix interrupt mask
register A
KMIMRA
R/W
H'FF
H'FE83*
1
8
H'BF
H'FFF1
Keyboard matrix interrupt mask
register B
KMIMRB
R/W
H'FF*
2
H'FE81*
1
8
Wake-up event interrupt mask
register A
WUEMRA
R/W
H'FF
H'FE45
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com