công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 119 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 119 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 115Page - Renesas Technology Corp H8S/2112R Datasheet HTML 116Page - Renesas Technology Corp H8S/2112R Datasheet HTML 117Page - Renesas Technology Corp H8S/2112R Datasheet HTML 118Page - Renesas Technology Corp H8S/2112R Datasheet HTML 119Page - Renesas Technology Corp H8S/2112R Datasheet HTML 120Page - Renesas Technology Corp H8S/2112R Datasheet HTML 121Page - Renesas Technology Corp H8S/2112R Datasheet HTML 122Page - Renesas Technology Corp H8S/2112R Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 984 page
background image
Section 5 Exception Handling
Rev. 1.00 May 09, 2008 Page 93 of 954
REJ09B0462-0100
5.4
Interrupt Exception Handling
Interrupts are controlled by the interrupt controller. The sources to start interrupt exception
handling are external interrupt sources (NMI, IRQ15 to IRQ0, KIN15 to KIN0, and WUE15 to
WUE0) and internal interrupt sources from the on-chip peripheral modules. NMI is an interrupt
with the highest priority. For details, see section 6, Interrupt Controller.
Interrupt exception handling is conducted as follows:
1. The values in the program counter (PC) and condition code register (CCR) are saved in the
stack.
2. A vector address corresponding to the interrupt source is generated, the start address is loaded
from the vector table to the PC, and program execution starts from that address.
5.5
Trap Instruction Exception Handling
Trap instruction exception handling starts when a TRAPA instruction is executed. Trap instruction
exception handling can be executed at all times in the program execution state.
Trap instruction exception handling is conducted as follows:
1. The values in the program counter (PC) and condition code register (CCR) are saved in the
stack.
2. A vector address corresponding to the interrupt source is generated, the start address is loaded
from the vector table to the PC, and program execution starts from that address.
The TRAPA instruction fetches a start address from a vector table corresponding to a vector
number from 0 to 3, as specified in the instruction code.
Table 5.4 shows the status of CCR after execution of trap instruction exception handling.
Table 5.4
Status of CCR after Trap Instruction Exception Handling
CCR
Interrupt Control Mode
I
UI
0
Set to 1
Retains value prior to execution
1
Set to 1
Set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com