công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 117 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 117 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 113Page - Renesas Technology Corp H8S/2112R Datasheet HTML 114Page - Renesas Technology Corp H8S/2112R Datasheet HTML 115Page - Renesas Technology Corp H8S/2112R Datasheet HTML 116Page - Renesas Technology Corp H8S/2112R Datasheet HTML 117Page - Renesas Technology Corp H8S/2112R Datasheet HTML 118Page - Renesas Technology Corp H8S/2112R Datasheet HTML 119Page - Renesas Technology Corp H8S/2112R Datasheet HTML 120Page - Renesas Technology Corp H8S/2112R Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 984 page
background image
Section 5 Exception Handling
Rev. 1.00 May 09, 2008 Page 91 of 954
REJ09B0462-0100
Vector Addresses
Exception Source
Vector
Number
Normal Mode
Internal interrupt*
34
55
H'000088 to H'00008B
H'0000DC to H'0000DF
IRQ8
56
H'0000E0 to H'0000E3
IRQ9
57
H'0000E4 to H'0000E7
IRQ10
58
H'0000E8 to H'0000EB
IRQ11
59
H'0000EC to H'0000EF
IRQ12
60
H'0000F0 to H'0000F3
IRQ13
61
H'0000F4 to H'0000F7
IRQ14
62
H'0000F8 to H'0000FB
External interrupt
IRQ15
63
H'0000FC to H'0000FF
Internal interrupt*
64
127
H'000100 to H'000103
H'0001FC to H'0001FF
Note: *
For details on the internal interrupt vector table, see section 6.5, Interrupt Exception
Handling Vector Tables.
5.3
Reset
A reset has the highest exception priority. When the
RES pin goes low, all processing halts and
this LSI enters the reset state. To ensure that this LSI is reset by a pin, hold the
RES pin low for at
least 20 ms at power-on. When a reset is input during operation, hold the
RES pin low for at least
20 states. A reset initializes the internal state of the CPU and the registers of on-chip peripheral
modules. The chip can also be reset by overflow of the watchdog timer or by the low voltage
detection at a power-on reset circuit. For details, see section 4, Resets or section 13, Watchdog
Timer (WDT).
5.3.1
Reset Exception Handling
When the
RES pin goes high or the power-on reset is canceled after being held low for the
necessary time, this LSI starts reset exception handling as follows:
1. The internal state of the CPU and the registers of the on-chip peripheral modules are initialized
and the I bit in CCR is set to 1.
2. The reset exception handling vector address is read and transferred to the PC, and then
program execution starts from the address indicated by the PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com