công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 458 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 458 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 454Page - Renesas Technology Corp H8S/2112R Datasheet HTML 455Page - Renesas Technology Corp H8S/2112R Datasheet HTML 456Page - Renesas Technology Corp H8S/2112R Datasheet HTML 457Page - Renesas Technology Corp H8S/2112R Datasheet HTML 458Page - Renesas Technology Corp H8S/2112R Datasheet HTML 459Page - Renesas Technology Corp H8S/2112R Datasheet HTML 460Page - Renesas Technology Corp H8S/2112R Datasheet HTML 461Page - Renesas Technology Corp H8S/2112R Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 984 page
background image
Section 15 CIR Interface
Rev. 1.00 May 09, 2008 Page 432 of 954
REJ09B0462-0100
Register Name
Abbreviation
R/W
Initial Value
Address
Repeat header minimum low-level period
register
RMIN
R/W
H'00
H'FA50
Repeat header maximum low-level period
register
RMAX
R/W
H'00
H'FA51
Notes: 1. Before accessing these registers, clear the MSTPA3 bit (bit 3) in MSTPCRA to 0.
2. See the description of each register for details on R/W.
15.3.1
Receive Control Register 1 (CCR1)
CCR1 enable/disable the CIR reception, controls a software reset of the CIR, select the polarity of
the CIR input signals, and select the reference clock for CIR reception.
Bit
Bit Name
Initial
Value
R/W
Description
7
CIRE
0
R/W
CIR Receive Enable
0: The CIR reception is disabled.
1: The CIR reception is enabled (Port is CIRI input
pin).
6
SRES
0
R/W
CIR Software Reset
Controls initialization of the internal sequencer of the
CIR.
0: Normal operation
1: The internal sequencer is cleared.
Writing 1 to this bit generates a clear signal for the
internal sequencer in the corresponding module,
resulting in the initialization of the CIR's internal state.
5
CPHS
0
R/W
Input Signal Polarity Select
0: CIR input signal is used as is.
1: CIR input signal is inverted before use.
4
MLS
0
R/W
Receive Data Format Select
0: LSB-first data is received.
1: MSB-first data is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com