công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 375 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 375 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 371Page - Renesas Technology Corp H8S/2112R Datasheet HTML 372Page - Renesas Technology Corp H8S/2112R Datasheet HTML 373Page - Renesas Technology Corp H8S/2112R Datasheet HTML 374Page - Renesas Technology Corp H8S/2112R Datasheet HTML 375Page - Renesas Technology Corp H8S/2112R Datasheet HTML 376Page - Renesas Technology Corp H8S/2112R Datasheet HTML 377Page - Renesas Technology Corp H8S/2112R Datasheet HTML 378Page - Renesas Technology Corp H8S/2112R Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 984 page
background image
Section 13 Watchdog Timer (WDT)
Rev. 1.00 May 09, 2008 Page 349 of 954
REJ09B0462-0100
Section 13 Watchdog Timer (WDT)
This LSI incorporates two watchdog timer channels (WDT_0 and WDT_1). The watchdog timer
can generate an internal reset signal or an internal NMI interrupt signal if a system crash prevents
the CPU from writing to the timer counter, thus allowing it to overflow.
When this watchdog function is not needed, the WDT can be used as an interval timer. In interval
timer operation, an interval timer interrupt is generated each time the counter overflows. A block
diagram of the WDT_0 and WDT_1 are shown in figure 13.1.
13.1
Features
• Selectable from eight (WDT_0) or 16 (WDT_1) counter input clocks.
• Switchable between watchdog timer mode and interval timer mode
Watchdog Timer Mode:
• If the counter overflows, whether an internal reset or an internal NMI interrupt is generated
can be selected.
Interval Timer Mode:
• If the counter overflows, an interval timer interrupt (WOVI) is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com