công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 372 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 372 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 368Page - Renesas Technology Corp H8S/2112R Datasheet HTML 369Page - Renesas Technology Corp H8S/2112R Datasheet HTML 370Page - Renesas Technology Corp H8S/2112R Datasheet HTML 371Page - Renesas Technology Corp H8S/2112R Datasheet HTML 372Page - Renesas Technology Corp H8S/2112R Datasheet HTML 373Page - Renesas Technology Corp H8S/2112R Datasheet HTML 374Page - Renesas Technology Corp H8S/2112R Datasheet HTML 375Page - Renesas Technology Corp H8S/2112R Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 984 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 May 09, 2008 Page 346 of 954
REJ09B0462-0100
12.9.5
Switching of Internal Clocks and TCNT Operation
TCNT may increment erroneously when the internal clock is switched over. Table 12.8 shows the
relationship between the timing at which the internal clock is switched (by writing to the CKS1
and CKS0 bits) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the falling edge of the internal clock
pulse is detected. If clock switching causes a change from high to low level, as shown in no. 3 in
table 12.8, a TCNT clock pulse is generated on the assumption that the switchover is a falling
edge, and TCNT is incremented.
Erroneous incrementation can also happen when switching between internal and external clocks.
Table 12.8
Switching of Internal Clocks and TCNT Operation
No.
Timing of Switchover
by Means of CKS1
and CKS0 Bits
TCNT Clock Operation
1
Clock switching from low
to low level*
1
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1
2
Clock switching from low
to high level*
2
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1
N + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com