công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 347 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 347 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 343Page - Renesas Technology Corp H8S/2112R Datasheet HTML 344Page - Renesas Technology Corp H8S/2112R Datasheet HTML 345Page - Renesas Technology Corp H8S/2112R Datasheet HTML 346Page - Renesas Technology Corp H8S/2112R Datasheet HTML 347Page - Renesas Technology Corp H8S/2112R Datasheet HTML 348Page - Renesas Technology Corp H8S/2112R Datasheet HTML 349Page - Renesas Technology Corp H8S/2112R Datasheet HTML 350Page - Renesas Technology Corp H8S/2112R Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 984 page
background image
Section 12 8-Bit Timer (TMR)
Rev. 1.00 May 09, 2008 Page 321 of 954
REJ09B0462-0100
12.3.1
Timer Counter (TCNT)
Each TCNT is an 8-bit readable/writable up-counter. TCNT_0 and TCNT_1 (or TCNT_X and
TCNT_Y) comprise a single 16-bit register, so they can be accessed together by word access. The
clock source is selected by the CKS2 to CKS0 bits in TCR. TCNT can be cleared by an external
reset input signal, compare-match A signal or compare-match B signal. The method of clearing
can be selected by the CCLR1 and CCLR0 bits in TCR. When TCNT overflows (changes from
H'FF to H'00), the OVF bit in TCSR is set to 1. TCNT is initialized to H'00.
12.3.2
Time Constant Register A (TCORA)
TCORA is an 8-bit readable/writable register. TCORA_0 and TCORA_1 (or TCORA_X and
TCORA_Y) comprise a single 16-bit register, so they can be accessed together by word access.
TCORA is continually compared with the value in TCNT. When a match is detected, the
corresponding compare-match flag A (CMFA) in TCSR is set to 1. Note however that comparison
is disabled during the T
2 state of a TCORA write cycle. The timer output from the TMO pin can be
freely controlled by these compare-match A signals and the settings of output select bits OS1 and
OS0 in TCSR. TCORA is initialized to H'FF.
12.3.3
Time Constant Register B (TCORB)
TCORB is an 8-bit readable/writable register. TCORB_0 and TCORB_1 (or TCORB_X and
TCORB_Y) comprise a single 16-bit register, so they can be accessed together by word access.
TCORB is continually compared with the value in TCNT. When a match is detected, the
corresponding compare-match flag B (CMFB) in TCSR is set to 1. Note however that comparison
is disabled during the T
2 state of a TCORB write cycle. The timer output from the TMO pin can be
freely controlled by these compare-match B signals and the settings of output select bits OS3 and
OS2 in TCSR. TCORB is initialized to H'FF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com