công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 339 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 339 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 335Page - Renesas Technology Corp H8S/2112R Datasheet HTML 336Page - Renesas Technology Corp H8S/2112R Datasheet HTML 337Page - Renesas Technology Corp H8S/2112R Datasheet HTML 338Page - Renesas Technology Corp H8S/2112R Datasheet HTML 339Page - Renesas Technology Corp H8S/2112R Datasheet HTML 340Page - Renesas Technology Corp H8S/2112R Datasheet HTML 341Page - Renesas Technology Corp H8S/2112R Datasheet HTML 342Page - Renesas Technology Corp H8S/2112R Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 984 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 May 09, 2008 Page 313 of 954
REJ09B0462-0100
11.6.5
Conflict between Edge Detection in Cycle Measurement Mode and Clearing of
TCMMDS Bit in TCMCR
If the CST bit in TCMCR is set to 1 in cycle measurement mode, and the TCMMDS bit in
TCMCR is cleared, but the selected edge from TCMCYI is detected at the same time, detection of
the selected edge will cause the timer to continue to operate in cycle measurement mode. The
timer will not make the transition to timer mode until the next detection of the selected edge. Thus,
ensure that the CST bit is cleared to 0 in cycle measurement mode.
Figure 11.17 shows the timing of this conflict.
Internal write
signal
Input capture
signal
N + 1
N
H'0000
M
N
M
L
φ
TCMCYI
TCMCNT cleared at the
first rising edge
TCMCNT not cleared
TCMCNT
TCMICR
TCMMDS
Figure 11.17 Conflict between Edge Detection and Clearing of TCMMDS
(to Switch from Cycle Measurement Mode to Timer Mode)
11.6.6
Settings of TCMCKI and TCMMCI
TCMCKI and TCMMCI are multiplexed on the same pin of this LSI. Therefore, the selected
external clock and the TCMMCI signal cannot be used at the same time. Do not make the settings
CKS2 to CKS0
= B'111 and CMMS = B'1.
11.6.7
Setting for Module Stop Mode
The module-stop control register can be used to select either continuation or stoppage of TCM
operation in module-stopped mode. The default setting is for TCM operation to stop. TCM
registers become accessible on release from module stop mode. For details, see section 26, Power-
Down Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com