công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 338 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 338 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 334Page - Renesas Technology Corp H8S/2112R Datasheet HTML 335Page - Renesas Technology Corp H8S/2112R Datasheet HTML 336Page - Renesas Technology Corp H8S/2112R Datasheet HTML 337Page - Renesas Technology Corp H8S/2112R Datasheet HTML 338Page - Renesas Technology Corp H8S/2112R Datasheet HTML 339Page - Renesas Technology Corp H8S/2112R Datasheet HTML 340Page - Renesas Technology Corp H8S/2112R Datasheet HTML 341Page - Renesas Technology Corp H8S/2112R Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 984 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 May 09, 2008 Page 312 of 954
REJ09B0462-0100
11.6.3
Conflict between TCMICR Read and Input Capture
When operation is in timer mode and the corresponding input capture signal is detected during
reading of TCMICR, the input capture signal is delayed by one system clock (
φ). Figure 11.15
shows the timing of this conflict.
φ
TCMCYI
TCMICR
read signal
TCMICR
ICPF
Input capture
signal
N + 2
N + 1
N
Capture generated
N - 1
N
M
TCMCNT
Figure 11.15 Conflict between TCMICR Read and Input Capture
11.6.4
Conflict between Edge Detection in Cycle Measurement Mode and Writing to
TCMMLCM or TCMMINCM
If the selected edge of TCMCYI is detected in the second half of a cycle of writing to the register
(TCMMLCM or TCMMINCM) in cycle measurement mode, the detected edge signal is delayed
by one cycle of the system clock (
φ).
Figure 11.16 shows the timing of this conflict.
TCMICR > TCMCNT (Upper liit over)
Capture generated
φ
TCMCYI
Internal write
signal
TCMICR
MAXOVF
Input capture
signal
N
M
H'0000
N
TCMCNT
Figure 11.16 Conflict between Edge Detection and Register Write
(Cycle Measurement Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com