công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 655 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 655 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 651Page - Renesas Technology Corp H8S/2112 Datasheet HTML 652Page - Renesas Technology Corp H8S/2112 Datasheet HTML 653Page - Renesas Technology Corp H8S/2112 Datasheet HTML 654Page - Renesas Technology Corp H8S/2112 Datasheet HTML 655Page - Renesas Technology Corp H8S/2112 Datasheet HTML 656Page - Renesas Technology Corp H8S/2112 Datasheet HTML 657Page - Renesas Technology Corp H8S/2112 Datasheet HTML 658Page - Renesas Technology Corp H8S/2112 Datasheet HTML 659Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 655 / 894 page
background image
Section 20 A/D Converter
Rev. 1.00 Mar. 18, 2008 Page 631 of 866
REJ09B0451-0100
20.4.3
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input when the A/D conversion start delay time (t
D) passes after the ADST bit in ADCSR is set to
1, then starts A/D conversion. Figure 20.2 shows the A/D conversion timing. Table 20.4 indicates
the A/D conversion time.
As indicated in figure 20.2, the A/D conversion time (t
CONV) includes tD and the input sampling time
(t
SPL). The length of tD varies depending on the timing of write to ADCSR. The total conversion
time therefore varies within the ranges indicated in table 20.4.
In scan mode, the values shown in table 20.4 become those for the first conversion time. The
second and subsequent conversion times are listed in table 20.5. In either case, bits CKS1 and
CKS0 in ADCR should be set so that the conversion time is within the ranges indicated by the
A/D conversion characteristics.
(1)
(2)
t
D
t
SPL
t
CONV
P
φ
Address
Write signal
Input sampling
timing
ADF
[Legend]
(1):
ADCSR write cycle
(2):
ADCSR address
t
D:
A/D conversion start delay time
t
SPL:
Input sampling time
t
CONV: A/D conversion time
Figure 20.2 A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com