công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 653 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 653 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 649Page - Renesas Technology Corp H8S/2112 Datasheet HTML 650Page - Renesas Technology Corp H8S/2112 Datasheet HTML 651Page - Renesas Technology Corp H8S/2112 Datasheet HTML 652Page - Renesas Technology Corp H8S/2112 Datasheet HTML 653Page - Renesas Technology Corp H8S/2112 Datasheet HTML 654Page - Renesas Technology Corp H8S/2112 Datasheet HTML 655Page - Renesas Technology Corp H8S/2112 Datasheet HTML 656Page - Renesas Technology Corp H8S/2112 Datasheet HTML 657Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 653 / 894 page
background image
Section 20 A/D Converter
Rev. 1.00 Mar. 18, 2008 Page 629 of 866
REJ09B0451-0100
20.4
Operation
The A/D converter operates by successive approximation with 10-bit resolution. It has two
operating modes: single mode and scan mode. First, select the clock used in A/D conversion.
When changing the operating mode or analog input channel, to prevent incorrect operation, first
clear the ADST bit in ADCSR to 0 to halt A/D conversion. The ADST bit can be set at the same
time the operating mode or analog input channel is changed.
20.4.1
Single Mode
In single mode, A/D conversion is to be performed only once on the specified single channel.
Operations are as follows.
1. A/D conversion on the specified channel is started when the ADST bit in ADCSR is set to 1 by
software, the TMR, or the TPU.
2. When A/D conversion is completed, the result is transferred to the A/D data register
corresponding to the channel.
3. On completion of A/D conversion, the ADF bit in ADCSR is set to 1. If the ADIE bit is set to
1 at this time, an ADI interrupt request is generated.
4. The ADST bit remains set to 1 during A/D conversion. When conversion ends, the ADST bit
is automatically cleared to 0 and the A/D converter enters wait state. When the ADST bit is
cleared to 0 during A/D conversion, the conversion stops and the A/D converter enters wait
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com